Electronic Components Datasheet Search
  English  ▼

X  

LM26480 Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM26480
Description  Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM26480 Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button LM26480 Datasheet HTML 18Page - National Semiconductor (TI) LM26480 Datasheet HTML 19Page - National Semiconductor (TI) LM26480 Datasheet HTML 20Page - National Semiconductor (TI) LM26480 Datasheet HTML 21Page - National Semiconductor (TI) LM26480 Datasheet HTML 22Page - National Semiconductor (TI) LM26480 Datasheet HTML 23Page - National Semiconductor (TI) LM26480 Datasheet HTML 24Page - National Semiconductor (TI) LM26480 Datasheet HTML 25Page - National Semiconductor (TI) LM26480 Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
OUTPUT INDUCTORS & CAPACITORS FOR SW1 AND
SW2
There are several design considerations related to the selec-
tion of output inductors and capacitors:
•
Load transient response;
•
Stability;
•
Efficiency;
•
Output ripple voltage; and
•
Over-current ruggedness.
The LM26480 has been optimized for use with nominal values
2.2 µH and 10 µF. If other values are needed for the design,
please contact National Semiconductor sales with any con-
cerns.
INDUCTOR SELECTION FOR SW1 AND SW2
A nominal inductor value of 2.2 µH is recommended. It is im-
portant to guarantee the inductor core does not saturate
during any foreseeable operational situation.
Care should be taken when reviewing the different saturation
current ratings that are specified by different manufacturers.
Saturation current ratings are typically specified at 25ºC, so
ratings at maximum ambient temperature of the application
should be requested from the manufacturer.
There are two methods to choose the inductor saturation cur-
rent rating:
Recommended method:
The best way to guarantee the inductor does not saturate is
to choose an inductor that has saturation current rating
greater than the maximum LM26480 current limit of 2.4A. In
this case the device will prevent inductor saturation.
Alternate method:
If the recommended approach cannot be used, care must be
taken to guarantee that the saturation current is greater than
the peak inductor current:
30040471
I
SAT:
Inductor saturation current at operating tempera-
ture
I
LPEAK:
Peak inductor current during worst case conditions
I
OUTMAX:
Maximum average inductor current
I
RIPPLE:
Peak-to-Peak inductor current
V
OUT:
Output voltage
V
IN:
Input voltage
L:
Inductor value in Henries at I
OUTMAX
F:
Switching frequency, Hertz
D:
Estimated duty factor
EFF:
Estimated power supply efficiency
I
SAT may not be exceeded during any operation, including
transients, startup, high temperature, worst case conditions,
etc.
SUGGESTED INDUCTORS AND THEIR SUPPLIERS
Model
Vendor
Dimensions (mm)
DCR (max)
I
SATURATION
DO3314-222MX
Coilcraft
3.3 x 3.3 x 1.4
200 m
Ω
≈1.8A
LPO3310-222MX
Coilcraft
3.3 x 3.3 x 1
150 m
Ω
≈1.3A
ELL6PG2R2N
Panasonic
6.0 x 6.0 x 2.0
37 m
Ω
≈2.2A
ELC6GN2R2N
Panasonic
6.0 x 6.0 x 1.5
53 m
Ω
≈1.9A
CDRH2D14NP-2R2NC
Sumida
3.2 x 3.2 x 1.5
94 m
Ω
≈1.5A
Note: Inductor Current Saturation values are estimates; inductor manufacturer should be contacted for guaranteed values.
OUTPUT CAPACITOR SELECTION FOR SW1 AND SW2
A ceramic output capacitor of 10 µF, 6.3V is recommended
with an ESR of about 2m
Ω or less.
Output ripple can be estimated from the vector sum of the
reactive (Capacitor) voltage component and the real (ESR)
voltage component of the output capacitor.
V
COUT:
Estimated reactive output ripple
V
ROUT:
Estimated real output ripple
V
PPOUT:
Estimated peak-to-peak output ripple
The output capacitor needs to be mounted as close as pos-
sible to the output pin of the device. For better temperature
performance, X7R or X5R types are recommended. DC bias
characteristics of ceramic capacitors must be considered
when selecting case sizes like 0805 and 0603.
DC bias characteristics vary from manufacturer to manufac-
turer and by case size. DC bias curves should be requested
from them as part of the capacitor selection process. ESR is
typically higher for smaller packages.
The output filter capacitor smooths out current flow from the
inductor to the load, helps maintain a steady output voltage
during transient load changes and reduces output voltage
ripple. These capacitors must be selected with sufficient ca-
pacitance and sufficiently low ESR to perform these functions.
Note that the output voltage ripple is dependent on the induc-
tor current ripple and the equivalent series resistance of the
output capacitor (ESR
COUT). ESRCOUT is frequency depen-
dent as well as temperature dependent. The R
ESR should be
calculated with the applicable switching frequency and ambi-
ent temperature.
www.national.com
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com