Electronic Components Datasheet Search
  English  ▼

X  

LM26480 Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM26480
Description  Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM26480 Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button LM26480 Datasheet HTML 22Page - National Semiconductor (TI) LM26480 Datasheet HTML 23Page - National Semiconductor (TI) LM26480 Datasheet HTML 24Page - National Semiconductor (TI) LM26480 Datasheet HTML 25Page - National Semiconductor (TI) LM26480 Datasheet HTML 26Page - National Semiconductor (TI) LM26480 Datasheet HTML 27Page - National Semiconductor (TI) LM26480 Datasheet HTML 28Page - National Semiconductor (TI) LM26480 Datasheet HTML 29Page - National Semiconductor (TI) LM26480 Datasheet HTML 30Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
High VIN-High Load Operation
Additional inforamtion is provided when the IC is operated at
extremes of VIN and regulator loads. These are described in
terms of the junction temperature and buck output ripple man-
agement.
Junction Temperature
The maximum junction temperature T
J-MAX-OP of 125°C of the
IC package.
The following equations demonstrate junction temperature
determination, ambient temperature T
A-MAX and total chip
power ust be controlled to keep T
J below this maximum:
T
J-MAX-OP = TA-MAX + (θJA) [°C/Watt] * (PD-MAX) [Watts]
Total IC power dissipation P
D-MAX is the sum of the individual
power dissipation of the four regulators plus a minor amount
for chip overhead. Chip overhead is bias, TSD and LDO ana-
log.
P
D-MAX = PLOD1 + PLDO2 +PBUCK1 + PBUCK2 + (0.0001A
* VIN) [Watts].
Power dissipation of LDO1 (PLDO1) = (VINLDO1 − VOUTL-
DO1) * IOUTLDO1 [V*A]
Power dissipation of LDO2 (PLDO2) = (VINLDO2 − VOUTL-
DO2) * IOUTLDO2 [V*A]
Power dissipation of Buck1 (PBuck1) = POUT − PIN = VOUT-
BUCK1 − IOUTBUCK1 * (1 −
η2)/ η2 [V*A]
η1 = efficiency of Buck1
Power dissipation of Buck2 (PBuck2) = POUT − PIN = VOUT-
BUCK2 − IOUTBUCK2 * (1 −
η2)/ η2 [V*A]
η2 = efficiency of Buck2
Where
η is the efficiency for the specific condition is taken
from efficiency graphs.
If VIN and ILOADincrease, the output ripple associated with
the Buck Regulators also increases. This mainly occurs with
V
IN > 5.2V and a load current greater than 1.20A. To ensure
operation in this area of operation, it is recommended that the
system designer circumvents the output ripple issues by in-
stalling Schottky diodes on the bucks(s) that are expected to
perform under these extreme conditions.
www.national.com
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com