Electronic Components Datasheet Search
  English  ▼

X  

LM26480 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM26480
Description  Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM26480 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM26480 Datasheet HTML 1Page - National Semiconductor (TI) LM26480 Datasheet HTML 2Page - National Semiconductor (TI) LM26480 Datasheet HTML 3Page - National Semiconductor (TI) LM26480 Datasheet HTML 4Page - National Semiconductor (TI) LM26480 Datasheet HTML 5Page - National Semiconductor (TI) LM26480 Datasheet HTML 6Page - National Semiconductor (TI) LM26480 Datasheet HTML 7Page - National Semiconductor (TI) LM26480 Datasheet HTML 8Page - National Semiconductor (TI) LM26480 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Pin Descriptions
LLP Pin No.
Name
I/O
Type
Description
1
VINLDO12
I
PWR
Analog Power for Internal Functions (VREF, BIAS, I2C, Logic)
2
SYNC
I
G/(D)
Frequency Synchronization pin which allows the user to connect an
external clock signal to synchronize the PMIC internal oscillator.
Default OFF and must be grounded when not used. Part number
LM26480SQ-BF has this feature enabled.
3
NPOR
O
D
nPOR Power on reset pin for both Buck1 and Buck 2. Open drain logic
output 100K pullup resistor. nPOR is pulled to ground when the
voltages on these supplies are not good. See nPOR section for more
info.
4
GND_SW1
G
G
Buck1 NMOS Power Ground
5
SW1
O
PWR
Buck1 switcher output pin
6
VIN1
I
PWR
Power in from either DC source or Battery to Buck1
7
ENSW1
I
D
Enable Pin for Buck1 switcher, a logic HIGH enables Buck1. Pin cannot
be left floating.
8
FB1
I
A
Buck1 input feedback terminal
9
GND_C
G
G
Non-switching core ground pin
10
AVDD
I
PWR
Analog Power for Buck converters
11
FB2
I
A
Buck2 input feedback terminal
12
ENSW2
I
D
Enable Pin for Buck2 switcher, a logic HIGH enables Buck2. Pin cannot
be left floating.
13
VIN2
I
PWR
Power in from either DC source or Battery to Buck2
14
SW2
O
PWR
Buck2 switcher output pin
15
GND_SW2
G
G
Buck2 NMOS
16
ENLDO2
I
D
LDO2 enable pin, a logic HIGH enables LDO2. Pin cannot be left
floating.
17
ENLDO1
I
D
LDO1 enable pin, a logic HIGH enables LDO1. Pin cannot be left
floating.
18
GND_L
G
G
LDO ground
19
VINLDO1
I
PWR
Power in from either DC source or battery to LDO1
20
LDO1
O
PWR
LDO1 Output
21
FBL1
I
A
LDO1 Feedback Terminal
22
FBL2
I
A
LDO2 Feedback Terminal
23
LDO2
O
PWR
LDO Output
24
VINLDO2
I
PWR
Power in from either DC source or battery to LDO2.
DAP
DAP
GND
GND
Connection isn't necessary for electrical performance, but it is
recommended for better thermal dissipation.
A: Analog Pin
D: Digital Pin
G: Ground Pin
PWR: Power Pin
I: Input Pin
I/O: Input/Output Pin
O: Output Pin
Power Block Operation
Note
Power Block Input
Enabled
Disabled
VINLDO12
VIN+
VIN+
Always Powered
AVDD
VIN+
VIN+
Always Powered
VIN1
VIN+
VIN+ or 0V
VIN2
VIN+
VIN+ or 0V
VINLDO1
≤ VIN+
≤ VIN+
If Enabled, Min VIN is 1.74V
VINLDO2
≤ VIN+
≤ VIN+
If Enabled, Min VIN is 1.74V
VIN+ is the largest potential voltage on the device.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com