Electronic Components Datasheet Search
  English  ▼

X  

LMH6629 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6629
Description  Ultra-Low Noise, High Speed Operational Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6629 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LMH6629 Datasheet HTML 13Page - National Semiconductor (TI) LMH6629 Datasheet HTML 14Page - National Semiconductor (TI) LMH6629 Datasheet HTML 15Page - National Semiconductor (TI) LMH6629 Datasheet HTML 16Page - National Semiconductor (TI) LMH6629 Datasheet HTML 17Page - National Semiconductor (TI) LMH6629 Datasheet HTML 18Page - National Semiconductor (TI) LMH6629 Datasheet HTML 19Page - National Semiconductor (TI) LMH6629 Datasheet HTML 20Page - National Semiconductor (TI) LMH6629 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
LOW-NOISE TRANSIMPEDANCE AMPLIFIER
Figure 12 implements a high speed, single supply, low-noise
Transimpedance amplifier commonly used with photo-
diodes. The transimpedance gain is set by R
F.
30068011
FIGURE 12. 200MHz Transimpedance Amplifier
Configuration
Figure 13 shows the Noise Gain (NG) and transfer function
(I-V Gain). As with most Transimpedance amplifiers, it is re-
quired to compensate for the additional phase lag (Noise Gain
zero at f
Z) created by the total input capacitance ( CD (diode
capacitance) + C
CM (LMH6629 input capacitance) ) looking
into R
F; this is accomplished by placing CF across RF to create
enough phase lead (Noise Gain pole at f
P) to stabilize the
loop.
30068002
FIGURE 13. Transimpedance Amplifier Noise Gain &
Transfer Function
The optimum value of C
F is given by Equation 5 resulting in
the I-V -3dB bandwidth shown in Equation 6, or around
200MHz in this case (assuming GBWP= 4GHz with COMP
pin = HI). This C
F value is a “starting point” and CF needs to
be tuned for the particular application as it is often less than
1pF and thus is easily affected by board parasitics, etc. For
maximum speed, the LMH6629 COMP pin should be HI.
Equation 5: Optimum C
F Value
(5)
Equation 6: Resulting -3dB Bandwidth
(6)
Equation 7 provides the total input current noise density (i
ni)
equation for the basic Transimpedance configuration and is
plotted against feedback resistance (R
F) showing all con-
tributing noise sources in Figure 14. The plot indicates the
expected total equivalent input current noise density (i
ni) for a
given feedback resistance (R
F). This is depicted in the
schematic of Figure 15 where total equivalent current noise
density (i
ni) is shown at the input of a noiseless amplifier and
noiseless feedback resistor (R
F). The total equivalent output
voltage noise density (e
no) is ini*RF.
30068028
FIGURE 14. Current Noise Density vs. Feedback
Resistance
Equation 7: Noise Equation for Transimpedance
Amplifier
(7)
17
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com