Electronic Components Datasheet Search
  English  ▼

X  

LMH6629 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6629
Description  Ultra-Low Noise, High Speed Operational Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6629 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LMH6629 Datasheet HTML 12Page - National Semiconductor (TI) LMH6629 Datasheet HTML 13Page - National Semiconductor (TI) LMH6629 Datasheet HTML 14Page - National Semiconductor (TI) LMH6629 Datasheet HTML 15Page - National Semiconductor (TI) LMH6629 Datasheet HTML 16Page - National Semiconductor (TI) LMH6629 Datasheet HTML 17Page - National Semiconductor (TI) LMH6629 Datasheet HTML 18Page - National Semiconductor (TI) LMH6629 Datasheet HTML 19Page - National Semiconductor (TI) LMH6629 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
30068022
FIGURE 9. Voltage Noise Density vs. Source Resistance
If bias current cancellation is not a requirement, then R
f || Rg
need not equal R
seq. In this case, according to Equation 1,
R
f||Rg should be as low as possible to minimize noise. Results
similar to Equation 1 are obtained for the inverting configura-
tion of Figure 5 if R
seq is replaced by Rb and Rg is replaced by
R
g + Rs. With these substitutions, Equation 1 will yield an eni
referred to the non-inverting input. Referring e
ni to the invert-
ing input is easily accomplished by multiplying e
ni by the ratio
of non-inverting to inverting gains (1+R
g/Rf).
NOISE FIGURE
Noise Figure (NF) is a measure of the noise degradation
caused by an amplifier.
Equation 3: General Noise Figure Equation
(3)
Looking at the two parts of the NF expression (inside the log
function) yields:
S
i/So→ Inverse of the power gain provided by the amplifier
N
o/Ni→ Total output noise power, including the contribution of
R
S, divided by the noise power at the input due to RS
To simplify this, consider N
a as the noise power added by the
amplifier (reflected to its input port):
S
i/So→ 1/G
N
o/Ni→ G * (Ni+Na) /Ni (where G*(Ni +Na ) = No)
Substituting these two expressions into the NF expression:
Equation 4: Simplified Noise Figure Equation
(4)
The noise figure expression has simplified to depend only on
the ratio of the noise power added by the amplifier at its input
(considering the source resistor to be in place but noiseless
in getting N
a) to the noise power delivered by the source re-
sistor (considering all amplifier elements to be in place but
noiseless in getting N
i).
For a given amplifier with a desired closed loop gain, to min-
imize noise figure:
•
Minimize R
f||Rg
•
Choose the Optimum R
S (ROPT)
R
OPT is the point at which the NF curve reaches a minimum
and is approximated by:
R
OPT ≈ en/in
Figure 10 is a plot of NF vs R
S with the circuit of Figure 4 (Rf
= 240Ω, A
V = +10V/V). The NF curves for both Unterminated
(R
T = open) and Terminated systems (RT = RS) are shown.
Table 1 indicates NF for various source resistances including
R
S = ROPT.
30068079
FIGURE 10. Noise Figure vs. Source Resistance
TABLE 1. Noise Figure for Various R
s
R
S (Ω)
NF (Terminated)
(dB)
NF (Unterminated)
(dB)
50
7.96
3.18
R
OPT
4.13
(R
OPT = 750Ω)
1.12
(R
OPT = 350Ω)
SINGLE SUPPLY OPERATION
The LMH6629 can be operated with single power supply as
shown in Figure 11. Both the input and output are capacitively
coupled to set the DC operating point.
30068026
FIGURE 11. Single Supply Operation
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com