Electronic Components Datasheet Search
  English  ▼

X  

LMH6629 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6629
Description  Ultra-Low Noise, High Speed Operational Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6629 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LMH6629 Datasheet HTML 14Page - National Semiconductor (TI) LMH6629 Datasheet HTML 15Page - National Semiconductor (TI) LMH6629 Datasheet HTML 16Page - National Semiconductor (TI) LMH6629 Datasheet HTML 17Page - National Semiconductor (TI) LMH6629 Datasheet HTML 18Page - National Semiconductor (TI) LMH6629 Datasheet HTML 19Page - National Semiconductor (TI) LMH6629 Datasheet HTML 20Page - National Semiconductor (TI) LMH6629 Datasheet HTML 21Page - National Semiconductor (TI) LMH6629 Datasheet HTML 22Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
30068012
FIGURE 15. Transimpedance Amplifier Equivalent Input
Source Model
From Figure 14, it is clear that with LMH6629’s extremely low
noise characteristics, for R
F < 2.5kΩ, the noise performance
is entirely dominated by R
F thermal noise. Only above this
R
F threshold, LMH6629’s input noise current (in) starts being
a factor and at no R
F setting does the LMH6629 input noise
voltage play a significant role. This noise analysis has ignored
the possible noise gain increase, due to photo-diode capaci-
tance, at higher frequencies.
LOW-NOISE INTEGRATOR
The LMH6629 implement a deBoo integrator shown in Figure
16. Positive feedback maintains integration linearity. The
LMH6629’s low input offset voltage and matched inputs allow
bias current cancellation and provide for very precise inte-
gration. Keeping R
G and RS low helps maintain dynamic
stability.
30068029
FIGURE 16. Noise Integrator
HIGH-GAIN SALLEN-KEY ACTIVE FILTERS
The LMH6629 is well suited for high-gain Sallen-Key type of
active filters. Figure 17 shows the 2nd order Sallen-Key low-
pass filter topology. Using component predistortion methods
discussed in OA-21 enables the proper selection of compo-
nents for these high-frequency filters.
30068036
FIGURE 17. Low Pass Sallen-Key Active Filter Topology
LOW-NOISE MAGNETIC MEDIA EQUALIZER
The LMH6629 implement a high-performance low-noise
equalizer for such application as magnetic tape channels as
shown in Figure 18. The circuit combines an integrator (used
to limit noise) with a bandpass filter (used to boost the re-
sponse centered at a frequency or over a band of interest) to
produce the low noise equalization. The circuit’s simulated
frequency response is illustrated in Figure 19.
In this circuit, the bandpass filter center frequency is set by
For higher selectivity, use high C values; for wider bandwidth,
use high L values, while keeping the product of L and C values
the same to keep f
c intact. The integrator’s -3dB roll-off is set
by
If
the integrator and the bandpass filter frequency interaction is
minimized so that the operating frequencies of each can be
set independently. Lowering the value of R2 increases the
bandpass gain (boost) without affecting the integrator fre-
quencies. With the LMH6629’s wide Gain Bandwidth (4GHz),
the center frequency could be adjusted higher without worries
about loop gain limitation. This increases flexibility in tuning
the circuit.
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com