Electronic Components Datasheet Search
  English  ▼

X  

LMH6629 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6629
Description  Ultra-Low Noise, High Speed Operational Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6629 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMH6629 Datasheet HTML 1Page - National Semiconductor (TI) LMH6629 Datasheet HTML 2Page - National Semiconductor (TI) LMH6629 Datasheet HTML 3Page - National Semiconductor (TI) LMH6629 Datasheet HTML 4Page - National Semiconductor (TI) LMH6629 Datasheet HTML 5Page - National Semiconductor (TI) LMH6629 Datasheet HTML 6Page - National Semiconductor (TI) LMH6629 Datasheet HTML 7Page - National Semiconductor (TI) LMH6629 Datasheet HTML 8Page - National Semiconductor (TI) LMH6629 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 6)
Max
(Note 6)
Units
NF
Noise Figure
R
S = RT = 50Ω
8.0
dB
ANALOG I/O
CMVR
Input voltage range
CMRR > 70 dB
−0.30
3.8
V
V
O
Output voltage range
R
L = 100Ω to VS/2
0.89
0.95
0.82 to
4.19
4.0
3.9
V
No Load
0.76
0.85
0.72 to
4.28
4.1
4.0
I
OUT
Linear output current
V
O = 2.5V (Note 3)
250
mA
V
OS
Input offset voltage
±150
±780
±800
µV
TcV
OS
Input offset voltage
temperature drift
(Note 7)
±0.45
μV/°C
I
BI
Input bias current
(Note 6)
−15
−23
−37
μA
I
OS
Input offset current
±0.1
±1.8
±3.0
μA
T
CIOS
Input offset voltage
temperature drift
(Note 7)
±2.8
nA/°C
C
CM
Input capacitance
Common Mode
1.7
pF
R
CM
Input resistance
Common Mode
450
k
Ω
MISCELLANEOUS PARAMETERS
CMRR
Common mode rejection
ratio
V
CM from 0V to 3.7V
82
70
87
dB
PSRR
Power supply rejection ratio
81
78
83
A
VOL
Open loop gain
74
72
78
DIGITAL INPUTS/TIMING
V
IL
Logic low-voltage threshold PD and COMP pins
0.8
V
V
IH
Logic high-voltage
threshold
PD and COMP pins
2.5
I
IL
Logic low-bias current
PD and COMP pins = 0.8V (Note 6)
−23
−19
−28
−34
−38
µA
I
IH
Logic high-bias current
PD and COMP pins = 2.5V (Note 6)
−16
−14
−22
−27
−29
T
en
Enable time
75
ns
T
dis
Disable time
80
POWER REQUIREMENTS
I
S
Supply Current
No Load, Normal Operation (PD Pin
= HI or open)
15.5
16.7
18.2
mA
No Load, Shutdown (PD Pin =LO)
1.1
1.85
2.0
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com