Electronic Components Datasheet Search
  English  ▼

X  

LMH6629 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6629
Description  Ultra-Low Noise, High Speed Operational Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6629 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LMH6629 Datasheet HTML 2Page - National Semiconductor (TI) LMH6629 Datasheet HTML 3Page - National Semiconductor (TI) LMH6629 Datasheet HTML 4Page - National Semiconductor (TI) LMH6629 Datasheet HTML 5Page - National Semiconductor (TI) LMH6629 Datasheet HTML 6Page - National Semiconductor (TI) LMH6629 Datasheet HTML 7Page - National Semiconductor (TI) LMH6629 Datasheet HTML 8Page - National Semiconductor (TI) LMH6629 Datasheet HTML 9Page - National Semiconductor (TI) LMH6629 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Symbol
Parameter
Conditions
Min
(Note 5)
Typ
(Note 5)
Max
(Note 5)
Units
I
BI
Input Bias Current
(Note 6)
−15
−23
−35
μA
I
OS
Input Offset Current
±0.13
±1.8
±3.0
μA
T
CIOS
Input offset voltage
temperature drift
(Note 7)
±3.2
nA/°C
C
CM
Input Capacitance
Common Mode
1.7
pF
R
CM
Input Resistance
Common Mode
1
M
Ω
MISCELLANEOUS PARAMETERS
CMRR
Common Mode Rejection
Ratio
V
CM from 0V to 2.0V
84
81
87
dB
PSRR
Power supply rejection ratio
82
79
84
A
VOL
Open Loop Gain
78
73
79
DIGITAL INPUTS/TIMING
V
IL
Logic low-voltage threshold
PD and COMP pins
0.8
V
V
IH
Logic high-voltage threshold
2.0
I
IL
Logic low-bias current
PD and COMP pins = 0.8V (Note 6)
-17
−14
−23
−28
−32
µA
I
IH
Logic high-bias current
PD and COMP pins = 2.0V (Note 6)
−16
−13
−22
−27
−31
T
en
Enable time
75
ns
T
dis
Disable time
80
POWER REQUIREMENTS
I
S
Supply Current
No Load, Normal Operation (PD Pin =
HI or open)
13.7
14.9
16.0
mA
No Load, Shutdown (PD Pin = LO)
0.89
1.4
1.5
Note 1: Absolute maximum ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics.
Note 2: Electrical table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very limited self-heating
of the device such that T
J = TA. No guarantee of parametric performance is indicated in the electrical tables under conditions of internal self-heating where TJ >
T
A.
Note 3: The maximum continuous output current (I
OUT) is determined by device power dissipation limitations. Continuous short circuit operation at elevated
ambient temperature can result in exceeding the maximum allowed junction temperature of 150°C
Note 4: Human Body Model, applicable std. JESD22-A114C. Machine Model, applicable std. JESD22-A115-A. Field Induced Charge Device Model, applicable
std. JESD22-C101-C.
Note 5: Typical numbers are the most likely parametric norm. Bold numbers refer to over-temperature limits.
Note 6: Negative input current implies current flowing out of the device.
Note 7: Drift determined by dividing the change in parameter at temperature extremes by the total temperature change.
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com