Electronic Components Datasheet Search
  English  ▼

X  

LMH6629 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6629
Description  Ultra-Low Noise, High Speed Operational Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6629 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LMH6629 Datasheet HTML 11Page - National Semiconductor (TI) LMH6629 Datasheet HTML 12Page - National Semiconductor (TI) LMH6629 Datasheet HTML 13Page - National Semiconductor (TI) LMH6629 Datasheet HTML 14Page - National Semiconductor (TI) LMH6629 Datasheet HTML 15Page - National Semiconductor (TI) LMH6629 Datasheet HTML 16Page - National Semiconductor (TI) LMH6629 Datasheet HTML 17Page - National Semiconductor (TI) LMH6629 Datasheet HTML 18Page - National Semiconductor (TI) LMH6629 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
TOTAL INPUT NOISE vs. SOURCE RESISTANCE
To determine maximum signal-to-noise ratios from the
LMH6629, an understanding of the interaction between the
amplifier’s intrinsic noise sources and the noise arising from
its external resistors is necessary. Figure 6 describes the
noise model for the non-inverting amplifier configuration
showing all noise sources. In addition to the intrinsic input
voltage noise (e
n) and current noise (in = in
+ = i
n
−) source,
there is also thermal voltage noise (e
t = √(4KTR)) associated
with each of the external resistors.
30068020
FIGURE 6. Non-Inverting Amplifier Noise Model
Equation 1 provides the general form for total equivalent input
voltage noise density (e
ni).
Equation 1: General Noise Equation
(1)
Equation 2 is a simplification of Equation 1 that assumes R
f ||
R
g = Rseq for bias current cancellation:
Equation 2: Noise Equation with
R
f || Rg = Rseq
(2)
Figure 7 schematically shows e
ni alongside VIN (the portion of
V
S source which reaches the non-inverting input of Figure 4)
and external components affecting gain (A
v= 1 + Rf / Rg), all
connected to an ideal noiseless amplifier.
30068023
FIGURE 7. Non-Inverting Amplifier Equivalent Noise
Source Schematic
Figure 8 illustrates the equivalent noise model using this as-
sumption. Figure 9 is a plot of e
ni against equivalent source
resistance (R
seq) with all of the contributing voltage noise
source of Equation 2. This plot gives the expected e
ni for a
given (R
seq) which assumes Rf||Rg = Rseq for bias current
cancellation. The total equivalent output voltage noise (e
no) is
e
ni*AV.
30068021
FIGURE 8. Noise Model with R
f||Rg = Rseq
As seen in Figure 9, e
ni is dominated by the intrinsic voltage
noise (e
n) of the amplifier for equivalent source resistances
below 15
Ω. Between 15Ω and 2.5 kΩ, e
ni is dominated by the
thermal noise (e
t = √(4kT(2Rseq)) of the equivalent source re-
sistance R
seq; incidentally, this is the range of Rseq values
where the LMH6629 has the best (lowest) Noise Figure (NF)
for the case where R
seq = Rf || Rg.
Above 2.5 k
Ω, e
ni is dominated by the amplifier’s current noise
(i
n = √(2) inRseq). When Rseq = 190Ω (i.e., Rseq = en/√(2) in),
the contribution from voltage noise and current noise of
LMH6629 is equal. For example, configured with a gain of
+10V/V giving a −3dB of 825 MHz and driven from R
seq =
R
f||RG = 20Ω (eni = 1.07 nV√Hz from Figure 9), the LMH6629
produces a total equivalent output noise voltage (e
ni * 10 V/V
*
√(1.57 * 825 MHz)) of 385 μV
rms.
15
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com