Electronic Components Datasheet Search
  English  ▼

X  

RF2469 Datasheet(PDF) 16 Page - RF Micro Devices

Part # RF2469
Description  W-CDMA AND PCS LOW NOISE AMPLIFIER/MIXER DOWNCONVERTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2469 Datasheet(HTML) 16 Page - RF Micro Devices

Back Button RF2469 Datasheet HTML 10Page - RF Micro Devices RF2469 Datasheet HTML 11Page - RF Micro Devices RF2469 Datasheet HTML 12Page - RF Micro Devices RF2469 Datasheet HTML 13Page - RF Micro Devices RF2469 Datasheet HTML 14Page - RF Micro Devices RF2469 Datasheet HTML 15Page - RF Micro Devices RF2469 Datasheet HTML 16Page - RF Micro Devices RF2469 Datasheet HTML 17Page - RF Micro Devices RF2469 Datasheet HTML 18Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Preliminary
8-48
RF2469
Rev A5 010717
8
Low Current Configuration
External resistors can set different bias currents for LNA1 (pin 3), LNA2 (pin 4, also called the preamplifier of the mixer),
and mixer (pin 17). Customers have the flexibility to choose the most suitable bias current, and therefore the perfor-
mance, of the IC. The charts on the following page reflect different bias currents for the RF2469.
The currents were calculated using the following equations.
LNA1 current (R1)= Total Current (LNA1= EN =1, LNA2 =0)-Total Current (EN= 1, LNA1= LNA2=0)+1.6
1.6 is the bypass current of LNA1
Mixer/LNA2 current (R2)=Total Current (LNA1= 0, LNA2 =EN =1)-Total Current (LNA1 =LNA2= 0, EN= 1)+1.4+ 10.2
1.4 is the bypass current of LNA2; 10.2 is the mixer (LO buffer included)
Mixer Only current (R5)=Total Current (EN =LNA2= 1, LNA1= 0)-4.5
4.5 is the bypass current of the LNA1 (1.6mA)+ LNA2 high mode current (2.9mA)
RFMD chose a low current configuration of the RF2469, by using R1= 3k
Ω, R2=3.6kΩ,and R5=1kΩ in the evaluation
board, and the following lab results over temperature were obtained.
LNA1 High Mode
Temp
(°C)
Frequency
(MHz)
PIN
(dBm)
VCC
(VDC)
Gain
(dB)
IIP3
(dBm)
Noise Figure
(dB)
Total
Current
-30
2140
-25
2.78
+7.97
-3.78
+1.72
+11.33
+25
2140
-25
2.78
+8.81
+2.32
+1.95
+12.36
+85
2140
-25
2.78
+9.70
+7.71
+2.37
+16.45
Total Current (mA) is when LNA1BYP=LNA2BYP2=EN =1.
Mixer/LNA2 BYP High Mode
Temp
(°C)
Frequency
(MHz)
PIN
(dBm)
LO Frequency
(MHz)
PIN LO
(dBm)
VCC
(VDC)
Gain
(dB)
IIP3
(dBm)
Noise Figure
(dB)
-30
2140
-25
2330
-10
2.78
+18.73
-8.16
+3.98
+25
2140
-25
2330
-10
2.78
+17.74
+5.13
+4.54
+85
2140
-25
2330
-10
2.78
+16.67
-3.66
+5.19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com