Electronic Components Datasheet Search
  English  ▼

X  

RF2469 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF2469
Description  W-CDMA AND PCS LOW NOISE AMPLIFIER/MIXER DOWNCONVERTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2469 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RF2469 Datasheet HTML 5Page - RF Micro Devices RF2469 Datasheet HTML 6Page - RF Micro Devices RF2469 Datasheet HTML 7Page - RF Micro Devices RF2469 Datasheet HTML 8Page - RF Micro Devices RF2469 Datasheet HTML 9Page - RF Micro Devices RF2469 Datasheet HTML 10Page - RF Micro Devices RF2469 Datasheet HTML 11Page - RF Micro Devices RF2469 Datasheet HTML 12Page - RF Micro Devices RF2469 Datasheet HTML 13Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Preliminary
8-41
RF2469
Rev A5 010717
8
LNA P1dB Compression Point
For large signal input, this type of LNA will not have a fixed DC bias current. The LNA will tend to self-bias when the input
signal level starts increasing above small signal conditions. This particular characteristic will move the DC bias current to
a higher DC bias current. Obviously, increasing the bias current will increase the linearity of the LNA.
To accurately measure the P1dB, the measurement technique must force the bias current in the LNA to be a constant,
while preserving the collector output voltage of the LNA. In order to due this, a separate supply voltage must be used for
the bias voltage of the LNA (pin 3) and the open collector supply (pin 1). As the input signal level is increased, the bias
voltage must be dropped while monitoring the DC current in the LNA to ensure that it remains constant. Incidentally, the
P1dB compression measured with this technique is consistent with the standard approximation relating P1dB to IIP3
(i.e., Input P1dB= IIP3(dBm)-10). Since the IIP3 measurements are done under small signal conditions (the input tones
are low power levels), this approximation provides a good figure for P1dB under a constant DC bias condition. For the
RF2469, with an IIP3 of approximately +8dBm, the Input P1dB is approximately -2dBm.
However, for many applications, forcing the bias current in the LNA to be constant is not a practical solution. Leaving the
LNA to self-bias will not produce any damage to the part and the P1dB performance under this condition will be:
Frequency
(MHz)
Gain
(dB)
Input
P1dB
Output
P1dB
LNA Current
(mA)
2140
10.5
5.25
14.92
~23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com