Electronic Components Datasheet Search
  English  ▼

X  

RF2469 Datasheet(PDF) 17 Page - RF Micro Devices

Part # RF2469
Description  W-CDMA AND PCS LOW NOISE AMPLIFIER/MIXER DOWNCONVERTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2469 Datasheet(HTML) 17 Page - RF Micro Devices

Back Button RF2469 Datasheet HTML 10Page - RF Micro Devices RF2469 Datasheet HTML 11Page - RF Micro Devices RF2469 Datasheet HTML 12Page - RF Micro Devices RF2469 Datasheet HTML 13Page - RF Micro Devices RF2469 Datasheet HTML 14Page - RF Micro Devices RF2469 Datasheet HTML 15Page - RF Micro Devices RF2469 Datasheet HTML 16Page - RF Micro Devices RF2469 Datasheet HTML 17Page - RF Micro Devices RF2469 Datasheet HTML 18Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
Preliminary
8-49
RF2469
Rev A5 010717
8
LNA Gain, Noise Figure and IIP3 versus ICC - LNA1 Only
(LNA High Gain)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
ICC (mA)
-2.0
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
Gain (dB)
NF (dB)
IIP3 (dBm)
Resistor (R1) versus ICC (mA) - LNA Only
(LNA High Gain)
0.0
1.0
2.0
3.0
4.0
1.0
3.0
5.0
7.0
9.0
11.0
ICC (mA)
Mixer Gain, Noise Figure and IIP3 versus ICC -
Mixer/LNA2 BYP High (LO=2330MHz @ -10dBm, sweeping R2)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
11.0
11.5
12.0
12.5
13.0
13.5
ICC (mA)
-6.0
-4.0
-2.0
0.0
Gain (dB)
NF (dB)
IIP3 (dBm)
Resistor (R2) versus ICC - Mixer/LNA2 BYP High
(LO=2330MHz @ -10dBm)
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
11.0
11.5
12.0
12.5
13.0
13.5
ICC (mA)
Mixer Gain, Noise Figure and IIP3 versus ICC -
Mixer/LNA2 BYP High (LO=2330MHZ @ 019dBm, sweeping R5)
0.0
5.0
10.0
15.0
20.0
25.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
14.0
ICC (mA)
-10.0
-9.0
-8.0
-7.0
-6.0
-5.0
-4.0
-3.0
-2.0
-1.0
0.0
Gain (dB)
NF (dB)
IIP3 (dBm)
Resistor (R5) versus ICC - Mixer/LNA2 BYP High
(LO=2330MHz @ -10dBm)
0.4
0.6
0.8
1.0
1.2
1.4
1.6
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
14.0
ICC (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com