Electronic Components Datasheet Search
  English  ▼

X  

RF2469 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF2469
Description  W-CDMA AND PCS LOW NOISE AMPLIFIER/MIXER DOWNCONVERTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2469 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF2469 Datasheet HTML 3Page - RF Micro Devices RF2469 Datasheet HTML 4Page - RF Micro Devices RF2469 Datasheet HTML 5Page - RF Micro Devices RF2469 Datasheet HTML 6Page - RF Micro Devices RF2469 Datasheet HTML 7Page - RF Micro Devices RF2469 Datasheet HTML 8Page - RF Micro Devices RF2469 Datasheet HTML 9Page - RF Micro Devices RF2469 Datasheet HTML 10Page - RF Micro Devices RF2469 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Preliminary
8-39
RF2469
Rev A5 010717
8
LNA1, LNA2 Cascade with Mixer Application Schematic
(RF=2140MHz, IF=190MHz)
Logic
Control
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
330 pF
0.5 pF
LNA1 IN
1000
Ω
ENABLE
5pF
15 nH
10 nH
L1
100 nH
R
4.7
k
Ω
C1
5pF
C1
5pF
C3*
L2*
10 pF
10 nF
LO IN
LNA2 BYP
LNA1 BYP
10 nF
1.0 pF
MIX IN
10 pF
10 nF
2.4
k
Ω
10 pF
10 nF
1.1
k
Ω
27 nH
10 pF
10 nF
10 pF
LNA1 OUT
V
CC
V
CC
V
CC
V
CC
V
CC
V
CC
C2
3.0 pF
3.0 pF
V
CC
V
CC
500
Ω
IF OUT
IF SAW
*See output interface network of the
mixer to determine L2 and C3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com