Electronic Components Datasheet Search
  English  ▼

X  

RF2469 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2469
Description  W-CDMA AND PCS LOW NOISE AMPLIFIER/MIXER DOWNCONVERTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2469 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2469 Datasheet HTML 1Page - RF Micro Devices RF2469 Datasheet HTML 2Page - RF Micro Devices RF2469 Datasheet HTML 3Page - RF Micro Devices RF2469 Datasheet HTML 4Page - RF Micro Devices RF2469 Datasheet HTML 5Page - RF Micro Devices RF2469 Datasheet HTML 6Page - RF Micro Devices RF2469 Datasheet HTML 7Page - RF Micro Devices RF2469 Datasheet HTML 8Page - RF Micro Devices RF2469 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Preliminary
8-34
RF2469
Rev A5 010717
8
Absolute Maximum Ratings
Parameter
Rating
Unit
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T = 25°C, VCC=2.78V, RF=2140MHz,
LO= 2330MHz @ -10dBm
RF Frequency Range
2110 to 2170
MHz
LO Frequency Range
2300 to 2360
MHz
IF Frequency Range
190
MHz
LNA 1
1st LNA current setting resistor (R1) is
1.1k
Ω. 1st LNA current and IIP3 are adjust-
able via R1.
Gain
9
10
11
dB
Noise Figure
1.45
1.6
dB
Input IP3
+7.0
+10.0
dBm
Input VSWR
<2:1
Output VSWR
<2:1
P1dB
-3
dB
See LNA P1dB Compression Point section.
Current
4.5
mA
LNA 1 Bypass
Gain
-5
-2
0
dB
Noise Figure
2
2.4
dB
Input IP3
+20.0
+25.0
dBm
Input VSWR
<2:1
Output VSWR
<2:1
Current
1.6
mA
Local Oscillator Input
Single-ended.
Optimum LO Drive -10dBm to -5dBm.
Input Level
-10
dBm
LO to IF Isolation
+38
dB
Mixer/LNA2 BYP High
T = 25°C, VCC=2.78V, RF=2140MHz,
LO= 2330MHz@-10dBm, LNA2BYP = 1,
EN= 1
Gain
15
17
dB
Noise Figure
4.5
dB
Input IP3
-7.0
-3.0
dBm
LNA 2 current setting resistor (R2) is 2.4k
Input IP2
+11.0
+14.0
dBm
LNA 2 current and IIP3 are adjustable via R2
Mixer/LNA2 BYP Low
T = 25°C, VCC=2.78V, RF=2140MHz,
LNA2BYP= 0, EN =1
Gain
4
6
dB
Noise Figure
10.5
dB
Input IP3
+2.0
+4.0
dBm
LNA 2 current setting resistor (R2) is 2.4k
Input IP2
+19.0
+22.0
dBm
LNA 2 current and IIP3 are adjustable via R2
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com