Electronic Components Datasheet Search
  English  ▼

X  

RF2469 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2469
Description  W-CDMA AND PCS LOW NOISE AMPLIFIER/MIXER DOWNCONVERTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2469 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2469 Datasheet HTML 1Page - RF Micro Devices RF2469 Datasheet HTML 2Page - RF Micro Devices RF2469 Datasheet HTML 3Page - RF Micro Devices RF2469 Datasheet HTML 4Page - RF Micro Devices RF2469 Datasheet HTML 5Page - RF Micro Devices RF2469 Datasheet HTML 6Page - RF Micro Devices RF2469 Datasheet HTML 7Page - RF Micro Devices RF2469 Datasheet HTML 8Page - RF Micro Devices RF2469 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Preliminary
8-35
RF2469
Rev A5 010717
8
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Cascade - Condition 1
LNA1 BYP high, LNA2 BYP high,
ENABLE high. Assuming 2.5dB filter loss.
Gain
24.5
dB
Noise Figure
2.55
dB
Input IP3
-10.5
dBm
Current Consumption*
18.6
23
mA
Cascade - Condition 2
LNA1 BYP high, LNA2 BYP low,
ENABLE high. Assuming 2.5dB filter loss.
Gain
13.5
dB
Noise Figure
5.2
dB
Input IP3
-3.5
dBm
Current Consumption*
17
17.5
mA
Cascade - Condition 3
LNA1 BYP low, LNA2 BYP high,
ENABLE high. Assuming 2.5dB filter loss.
Gain
12.5
dB
Noise Figure
9
dB
Input IP3
+1.4
dBm
Current Consumption*
14
15
mA
Cascade - Condition 4
LNA1 BYP low, LNA2 BYP low,
ENABLE High. Assuming 2.5dB filter loss.
Gain
1.50
dB
Noise Figure
15
dB
Input IP3
+8.2
dBm
Current Consumption*
12.5
13.5
mA
Power Supply
Voltage
2.7
2.75
3.3
V
*RF2469 is a very flexible device. Customers may choose different current consumption (see Low Current Configuration section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com