Electronic Components Datasheet Search
  English  ▼

X  

RF2488 Datasheet(PDF) 17 Page - RF Micro Devices

Part # RF2488
Description  MULTI-MODE DUAL-BAND LNA MIXER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2488 Datasheet(HTML) 17 Page - RF Micro Devices

Back Button RF2488 Datasheet HTML 13Page - RF Micro Devices RF2488 Datasheet HTML 14Page - RF Micro Devices RF2488 Datasheet HTML 15Page - RF Micro Devices RF2488 Datasheet HTML 16Page - RF Micro Devices RF2488 Datasheet HTML 17Page - RF Micro Devices RF2488 Datasheet HTML 18Page - RF Micro Devices RF2488 Datasheet HTML 19Page - RF Micro Devices RF2488 Datasheet HTML 20Page - RF Micro Devices RF2488 Datasheet HTML 21Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
Preliminary
8-139
RF2488
Rev A0 010905
8
Mixer2 Gain versus Frequency
VCC=3 V, LO PIN=-6 dBm
8.0
9.0
10.0
11.0
12.0
13.0
1920.0
1930.0
1940.0
1950.0
1960.0
1970.0
1980.0
1990.0
2000.0
Frequency (MHz)
8.0
9.0
10.0
11.0
12.0
13.0
+25°C Gain, IFout1
-40°C Gain, IFout1
+85°C Gain, IFout1
+25°C Gain, IFout2
-40°C Gain, IFout2
+85°C Gain, IFout2
Mixer2 Gain versus Supply Voltage
1960 MHz, LO PIN=-6 dBm
8.0
9.0
10.0
11.0
12.0
13.0
2.62.7
2.82.9
3.03.1
3.2
3.3
3.4
Supply Voltage (V)
8.0
9.0
10.0
11.0
12.0
13.0
+25°C Gain, IFout1
-40°C Gain, IFout1
+85°C Gain, IFout1
+25°C Gain, IFout2
-40°C Gain, IFout2
+85°C Gain, IFout2
Mixer2 Noise Figure versus Frequency
VCC=3 V, LO PIN=-6 dBm
6.0
7.0
8.0
9.0
10.0
11.0
12.0
1920.0
1930.0
1940.0
1950.0
1960.0
1970.0
1980.0
1990.0
2000.0
Frequency (MHz)
6.0
7.0
8.0
9.0
10.0
11.0
12.0
+25°C NF, IFout1
-40°C NF, IFout1
+85°C NF, IFout1
+25°C NF, IFout2
-40°C NF, IFout2
+85°C NF, IFout2
Mixer2 Noise Figure versus Supply Voltage
1960 MHz, LO PIN=-6 dBm
6.0
7.0
8.0
9.0
10.0
11.0
12.0
2.62.7
2.82.9
3.03.1
3.2
3.3
3.4
Supply Voltage (V)
6.0
7.0
8.0
9.0
10.0
11.0
12.0
+25°C NF, IFout1
-40°C NF, IFout1
+85°C NF, IFout1
+25°C NF, IFout2
-40°C NF, IFout2
+85°C NF, IFout2
Mixer2 Input IP3 versus Frequency
-25 dBm per tone, 1 MHz Separation, VCC=3 V, LO PIN=-6 dBm
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
1920.0
1930.0
1940.0
1950.0
1960.0
1970.0
1980.0
1990.0
2000.0
Frequency (MHz)
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
+25°C IIP3, IFout1
-40°C IIP3, IFout1
+85°C IIP3, IFout1
+25°C IIP3, IFout2
-40°C IIP3, IFout2
+85°C IIP3, IFout2
Mixer2 Input IP3 versus Supply Voltage
-25 dBm per tone, 1960/1961 MHz, LO PIN=-6 dBm
2.0
4.0
6.0
8.0
10.0
2.62.7
2.82.9
3.03.1
3.2
3.3
3.4
Supply Voltage (V)
2.0
4.0
6.0
8.0
10.0
+25°C IIP3, IFout1
-40°C IIP3, IFout1
+85°C IIP3, IFout1
+25°C IIP3, IFout2
-40°C IIP3, IFout2
+85°C IIP3, IFout2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com