Electronic Components Datasheet Search
  English  ▼

X  

RF2488 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF2488
Description  MULTI-MODE DUAL-BAND LNA MIXER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2488 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF2488 Datasheet HTML 3Page - RF Micro Devices RF2488 Datasheet HTML 4Page - RF Micro Devices RF2488 Datasheet HTML 5Page - RF Micro Devices RF2488 Datasheet HTML 6Page - RF Micro Devices RF2488 Datasheet HTML 7Page - RF Micro Devices RF2488 Datasheet HTML 8Page - RF Micro Devices RF2488 Datasheet HTML 9Page - RF Micro Devices RF2488 Datasheet HTML 10Page - RF Micro Devices RF2488 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Preliminary
8-129
RF2488
Rev A0 010905
8
Detailed Description
The RF2488 is fabricated on a high performance Silicon Germanium process that allows optimization of key RF param-
eters (including noise figure, gain and linearity) for very low current consumption. The RF2488 is packaged in a small 24-
pin, 4mmx4 mm, leadless chip carrier. It can be operated on a single supply voltage from 2.7V to 3.3V. To reduce power
consumption the RF2488 has a standby mode that draws less than 10uA.
The RF2488 has two frequency bands of operation. Each is comprised of an LNA and two downconverting mixers with
combined RF inputs, and two separate intermediate frequency outputs. The LNA outputs and mixer RF inputs are typi-
cally connected through an image reject SAW filter, which provides image rejection and out-of-band blocking with low in-
band insertion loss. Either of the two IF outputs can be selected whether operating in low band or high band mode. This
feature allows different IF frequencies and SAW filters to be used for different air interfaces in multi-mode phones. The
modes are selected using the external BAND SEL and IF SEL pins; these can be switched using standard CMOS logic
levels.
LNA
There are two LNA circuits: one for high band and one for low band. They have two gain conditions: high gain and low
gain. The gain state is selected using the external GAIN SEL pin that can be switched with standard CMOS logic levels.
The LNAs require a DC-blocking capacitor at the input and an inductor to ground; the inductor is used to provide addi-
tional input linearity and can be removed if the linearity is not required. The LNA output requires an output match, which
is determined by the input impedance of the IR SAW filter (typically 50
Ω). The match must include an inductor to supply
to provide the LNA with a DC path to VCC.
In high gain mode, the low band LNA exhibits 18 dB of gain combined with a noise figure of <1.4dB and a input IP3 (IIP3)
of 3dB. In low gain mode, the device switches to a highly linear state, with IIP3 in excess of 20 dBm and a gain of -9dB
with a current drain of less than 500 uA.
In high gain mode, the high band LNA exhibits 17dB of gain combined with a noise figure of < 1.7 dB and a IIP3 of 2dB.
In low gain mode, the device switches to a highly linear state, with IIP3 in excess of 15dBm and a gain of -6 dB with a cur-
rent drain of less than 500uA.
Mixers
The mixers are all single-balanced mixers, with low noise figure, high linearity and high gain. The RF input match can be
tuned for a wide range of RF input frequencies. In low band mode, the match consists of an inductive choke to ground
and a 7
Ω to 50Ω step up input match. In high band mode, the match consists of a resonant circuit that provides a DC
choke togroundand a 7
Ω to 50Ω step up input match.
The LO input port is internally matched to 50
Ω and is internally DC-blocked for easy interface across a wide bandwidth.
The LO input can be driven with signals as low as -9dBm with no performance degradation. The matching of the IF out-
puts is discussed in the applications section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com