Electronic Components Datasheet Search
  English  ▼

X  

RF2488 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF2488
Description  MULTI-MODE DUAL-BAND LNA MIXER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2488 Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RF2488 Datasheet HTML 4Page - RF Micro Devices RF2488 Datasheet HTML 5Page - RF Micro Devices RF2488 Datasheet HTML 6Page - RF Micro Devices RF2488 Datasheet HTML 7Page - RF Micro Devices RF2488 Datasheet HTML 8Page - RF Micro Devices RF2488 Datasheet HTML 9Page - RF Micro Devices RF2488 Datasheet HTML 10Page - RF Micro Devices RF2488 Datasheet HTML 11Page - RF Micro Devices RF2488 Datasheet HTML 12Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Preliminary
8-130
RF2488
Rev A0 010905
8
Application Schematic
100 pF
GAIN SEL
12 nH
C1
L1
C2
L2
R1
C3
C18
1nF
MX VCC
100 pF
L1
C1
C2
L2
R1
C3
C19
1nF
100 pF
Band Select
2.2 nH
TX/RX
100 pF
100 pF
LNA1 VCC
15 nH
1.2 pF
Bias VCC
100 pF
33 nF
DNI
19
20
21
22
23
1
5
4
3
2
6
9
8
7
11
10
15
14
13
12
24
16
17
18
2.2 nH
100 pF
2.2 nH
56 nH
DNI
33 nF
10 nH
LNA2 VCC
10 pF
IF OUT
SELECT
100 pF
8.2 nH
5pF
4.7 nH
4.7 nH
3pF(HQ)
I/O
I/O
Saw
Filters
LO1 IN
IF1 OUT
IF2 OUT
LO2 IN
I/O
I/O
Saw
Filter
LNA2 IN
LNA1 IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com