Electronic Components Datasheet Search
  English  ▼

X  

RF2488 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF2488
Description  MULTI-MODE DUAL-BAND LNA MIXER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2488 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RF2488 Datasheet HTML 5Page - RF Micro Devices RF2488 Datasheet HTML 6Page - RF Micro Devices RF2488 Datasheet HTML 7Page - RF Micro Devices RF2488 Datasheet HTML 8Page - RF Micro Devices RF2488 Datasheet HTML 9Page - RF Micro Devices RF2488 Datasheet HTML 10Page - RF Micro Devices RF2488 Datasheet HTML 11Page - RF Micro Devices RF2488 Datasheet HTML 12Page - RF Micro Devices RF2488 Datasheet HTML 13Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Preliminary
8-131
RF2488
Rev A0 010905
8
Application Information
Calculating the mixer output match
The evaluation boards mixer output match is explained below.
The match is made up of six components, each of which is discussed below.
Inductor L1
This inductor, along with capacitors C1 and C2 determine the resonant frequency of the current combining circuit, as well
as the output impedance at the resonant point. The output impedance will be dependent on the parasitic resistance of
the inductor RP. A high Q inductor will result in a high output impedance.
Inductor L2
This inductor functions as a choke at the IF frequency, and should be made as large as possible, to not interact with the
current combiner network. In addition, it provides a DC path from VCC to the mixer core transistors.
Capacitors C1 and C2
These capacitors should be equal, and along with L1, define the resonant frequency.
Capacitor C3
This capacitor is used to provide a DC-block.
Resistor R1
This is primarily used to set the output impedance of the network. The impedance at the resonant frequency can be
measured, and R1 can be placed in parallel to reduce the real impedance to the desired value. Alternatively, an approxi-
mation can be made using the following equation.
This is only an approximation, because it assumes the capacitors have infinite Q, and does not take into account PCB
parasitics.
The following equation can be used to approximately calculate the resonant frequency of the circuit.
IF+
IF-
L1
C1
C2
L2
R1
C3
IF OUT
V
CC
R
1
1
R
OUT
-------------
1
R
P
------
–
èø
æö
1
–
=
f
IF
1
2
π L1
2
------ C1
C
EQ
+
()
-----------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com