Electronic Components Datasheet Search
  English  ▼

X  

RF2488 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2488
Description  MULTI-MODE DUAL-BAND LNA MIXER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2488 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2488 Datasheet HTML 1Page - RF Micro Devices RF2488 Datasheet HTML 2Page - RF Micro Devices RF2488 Datasheet HTML 3Page - RF Micro Devices RF2488 Datasheet HTML 4Page - RF Micro Devices RF2488 Datasheet HTML 5Page - RF Micro Devices RF2488 Datasheet HTML 6Page - RF Micro Devices RF2488 Datasheet HTML 7Page - RF Micro Devices RF2488 Datasheet HTML 8Page - RF Micro Devices RF2488 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Preliminary
8-125
RF2488
Rev A0 010905
8
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Low Band Cascaded
Electrical Specification
TAMB=25°C, VCC=3V, IF=135MHz.
Assumes 3dB loss for image filter.
Gain
24
26
28
dB
High Gain, GAIN SEL= High
-4
-2
0
dB
Low Gain, GAIN SEL= Low
Gain Variations versus
Temperature
+1.0
dB
Noise Figure
2.1
2.5
dB
High Gain, GAIN SEL= High
22
24
dB
Low Gain, GAIN SEL= Low
Input 3rd Order Intercept
-10
-8
dBm
High Gain, GAIN SEL= High
16
18
dBm
Low Gain, GAIN SEL= Low
Return Loss
10
dB
LNA Input- External Match, GAIN SEL=High
10
dB
LNA Input- External Match, GAIN SEL=Low
10
dB
Mixer RF Input
10
dB
Mixer LO Input
Isolation
50
dB
LO IN to LNA IN, GAIN SEL= High
35
dB
LO IN to LNA IN, GAIN SEL= Low
40
45
dB
LNA Out to Mixer RF In
>50
dB
LO In to IF Out
>40
dB
Mixer RF In to IF Out
IF Output Impedance
500
Ω
Mixer “ON”
Supply Current
16
18
mA
High Gain, GAIN SEL= High
13
15
mA
Low Gain, GAIN SEL= Low
Low Noise Amplifier
High Band
TAMB=25°C, VCC=3V
Frequency= 1930MHz to 1990MHz
Gain
16
17
18
dB
High Gain, GAIN SEL= High
-8
-6
-4
dB
Low Gain, GAIN SEL= Low
Gain Variations versus
Temperature
+1.0
dB
-40°C to 85°C
Noise Figure
1.6
1.7
dB
High Gain, GAIN SEL= High
8
11
dB
Low Gain, GAIN SEL= Low
Input 3rd Order Intercept
0
2
dBm
High Gain, GAIN SEL= High
16
18
dBm
Low Gain, GAIN SEL= Low
Return Loss
10
dB
LNA Input- External Match, GAIN SEL=High
10
dB
LNA Input- External Match, GAIN SEL=Low
10
dB
LNA Output- External Match,
GAIN SEL= High
10
dB
LNA Output- External Match,
GAIN SEL= Low
Supply Current
6
7
mA
High Gain, GAIN SEL= High
0.3
0.5
mA
Low Gain, GAIN SEL= Low
Mixer High Band
TAMB=25°C, VCC=3V, IF=135MHz;
Mixer RF Input Frequency =1930MHz to
1990MHz; LO Output Frequency= 2065MHz
to 2125MHz
Conversion Gain
10
11
12
dB
LO Input Level
-9
-6
0
dBm
Noise Figure (SSB)
10
12
dB
Input 3rd Order Intercept
5
7
dBm
Return Loss, Mixer RF Input
10
dB
LO Input
10
dB
Terminating Impedance
IF Output
500
Ω
Mixer “ON”
Mixer Supply Current
16
17
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com