Electronic Components Datasheet Search
  English  ▼

X  

RF2488 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2488
Description  MULTI-MODE DUAL-BAND LNA MIXER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2488 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2488 Datasheet HTML 1Page - RF Micro Devices RF2488 Datasheet HTML 2Page - RF Micro Devices RF2488 Datasheet HTML 3Page - RF Micro Devices RF2488 Datasheet HTML 4Page - RF Micro Devices RF2488 Datasheet HTML 5Page - RF Micro Devices RF2488 Datasheet HTML 6Page - RF Micro Devices RF2488 Datasheet HTML 7Page - RF Micro Devices RF2488 Datasheet HTML 8Page - RF Micro Devices RF2488 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
ü
8-123
8
Preliminary
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7625 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
19
20
21
22
23
1
5
4
3
2
6
9
8
7
11
10
15
14
13
12
24
16
17
18
Low
LNA GND
GAIN SEL
Low
LNA IN
High
LNA IN
High
LNA GND
High
LNA VCC
BAND SEL
MXR VCC
IF1+
IF1-
IF2+
IF2-
RF2488
MULTI-MODE DUAL-BAND LNA MIXER
• TDMA/EDGE Handsets
• TDMA IS-136 Handsets
• GAIT Handsets
• TDMA/GSM Dual-Band Handsets
• GSM/DCS/EDGE Handsets
The RF2488 is a dual-band LNA/Mixer designed to sup-
port dual-band, multi-mode handset applications. The
unique dual IF outputs provide interface to two indepen-
dent IF SAW filters supporting applications that combine
IS136 with GSM, DCS or EDGE air interfaces. The device
includes four mixers, providing the ability to use two inde-
pendent IF bandwidths accessible from either the low or
high band LNAs. Each LNA has a gain bypass mode con-
trolled by the GAIN SEL pin. An image reject filter is
required between each LNA and its mixer. Power man-
agement is implemented based on a three-pin logic level
interface. Power consumption is minimized by shutting
down all but the active sections of the device.
• Complete Dual-Band Front-End
• Switchable LNA Gain
• Low Noise and High Intercept Point
• Low Current Consumption
• Single 2.7V to 3.3V Power Supply
• Supports Dual IF Bandwidths
RF2488
Multi-Mode Dual-Band LNA Mixer
RF2488 PCBA
Fully Assembled Evaluation Board
8
Rev A0 010905
NOTES:
Shaded Pin is Lead 1.
1
Package Warpage: 0.05 mm max.
4
Die Thickness Allowable: 0.305 mm max.
5
2
Dimension applies to plated terminal: to be measured between 0.02 mm
and 0.25 mm from terminal end.
Pin 1 identifier must exist on top surface of package by identification
mark or feature on the package body. Exact shape and size is optional.
3
12°
max
1.00
0.85
.80
.65
.05
.01
.23
.13
4 PLCS
4.00
sq.
.60
.24
typ
.50
.40
.28
2
.55
.30
.45
.20
4 PLCS
2.25
1.95
sq.
Package Style: LCC, 24-Pin, 4x4


Similar Part No. - RF2488

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2480 RFMD-RF2480 Datasheet
82Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480 Datasheet
104Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480 Datasheet
196Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480 Datasheet
155Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2480PCBA RFMD-RF2480PCBA Datasheet
104Kb / 8P
DIRECT QUADRATURE MODULATOR
More results

Similar Description - RF2488

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2489 RFMD-RF2489 Datasheet
490Kb / 16P
DUAL-BAND/TRI-MODE CDMA LOW NOISE AMPLIFIER/MIXER
logo
Sony Corporation
CXG1050TN SONY-CXG1050TN Datasheet
114Kb / 8P
Receiving Dual-Band Mixer
CXG1081TN SONY-CXG1081TN Datasheet
106Kb / 8P
Receiving Dual-Band Mixer
logo
Maxim Integrated Produc...
MAX2320 MAXIM-MAX2320 Datasheet
526Kb / 28P
Adjustable, High-Linearity, SiGe Dual-Band LNA/Mixer ICs
19-1535; Rev 1; 6/00
logo
TriQuint Semiconductor
TQ3M31 TRIQUINT-TQ3M31 Datasheet
381Kb / 18P
Dual Band LNA: 2.8V, Cellular and PCS Band CDMA/AMPS LNA IC
logo
Freescale Semiconductor...
MC13770 FREESCALE-MC13770 Datasheet
390Kb / 8P
Single Band LNA and Mixer FEIC
logo
RF Micro Devices
RF2489 RFMD-RF2489_07 Datasheet
797Kb / 30P
DUAL-BAND/TRI-MODE CDMA LOW NOISE AMPLIFIER/MIXER
logo
TriQuint Semiconductor
TQP3M6004 TRIQUINT-TQP3M6004_15 Datasheet
244Kb / 12P
Low Band Dual LNA
TQP3M6005 TRIQUINT-TQP3M6005_15 Datasheet
414Kb / 7P
Mid Band Dual LNA
logo
NXP Semiconductors
MC13770 NXP-MC13770 Datasheet
432Kb / 8P
Single Band LNA and Mixer FEIC
Rev. 2, 11/2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com