Electronic Components Datasheet Search
  English  ▼

X  

RF2643 Datasheet(PDF) 12 Page - RF Micro Devices

Part # RF2643
Description  3V DUAL-BAND UPCONVERTER AND DRIVER AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2643 Datasheet(HTML) 12 Page - RF Micro Devices

Back Button RF2643 Datasheet HTML 8Page - RF Micro Devices RF2643 Datasheet HTML 9Page - RF Micro Devices RF2643 Datasheet HTML 10Page - RF Micro Devices RF2643 Datasheet HTML 11Page - RF Micro Devices RF2643 Datasheet HTML 12Page - RF Micro Devices RF2643 Datasheet HTML 13Page - RF Micro Devices RF2643 Datasheet HTML 14Page - RF Micro Devices RF2643 Datasheet HTML 15Page - RF Micro Devices RF2643 Datasheet HTML 16Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Preliminary
6-48
RF2643
Rev A1 010717
6
Cellular Mixer Noise Figure
@ 25°C
11.6
11.7
11.8
11.9
12.0
12.1
12.2
-10.0
-9.0
-8.0
-7.0
-6.0
-5.0
-4.0
-3.0
-2.0
LO (dBm)
2.7 V
3V
3.3 V
Cellular Gain Driver
@ 25°C
-20.0
-15.0
-10.0
-5.0
0.0
5.0
10.0
0.7
0.9
1.1
1.3
1.5
1.7
1.9
VGC (V)
2.7 V
3V
3.3 V
Cellular Driver IIP3
@ 25°C
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
0.70.9
1.11.3
1.51.7
1.92.1
VGC (V)
2.7 V
3V
3.3 V
Cellular Noise Figure Driver
@ 25°C
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
0.70.9
1.11.3
1.51.7
1.92.1
VGC (V)
2.7 V
3V
3.3 V
Cellular Gain Driver
@2.7 V
-20.0
-15.0
-10.0
-5.0
0.0
5.0
10.0
0.5
1.0
1.5
2.0
VGC (V)
Gain, -30º
Gain, 25º
Gain, 85º
Cellular Driver IIP3
@2.7 V
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
0.70.9
1.11.3
1.51.7
1.92.1
VGC (V)
IIP3, -30º
IIP3, 25º
IIP3, 85º



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com