Electronic Components Datasheet Search
  English  ▼

X  

RF2643 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RF2643
Description  3V DUAL-BAND UPCONVERTER AND DRIVER AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2643 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RF2643 Datasheet HTML 6Page - RF Micro Devices RF2643 Datasheet HTML 7Page - RF Micro Devices RF2643 Datasheet HTML 8Page - RF Micro Devices RF2643 Datasheet HTML 9Page - RF Micro Devices RF2643 Datasheet HTML 10Page - RF Micro Devices RF2643 Datasheet HTML 11Page - RF Micro Devices RF2643 Datasheet HTML 12Page - RF Micro Devices RF2643 Datasheet HTML 13Page - RF Micro Devices RF2643 Datasheet HTML 14Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Preliminary
6-46
RF2643
Rev A1 010717
6
Power Down Current
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
2.7
2.8
2.9
3.0
3.1
3.2
3.3
VCC (V)
Icc, -30º
Icc, 25º
Icc, 85º
Cellular Current
30.0
30.2
30.4
30.6
30.8
31.0
31.2
31.4
31.6
31.8
32.0
2.7
2.8
2.9
3.0
3.1
3.2
3.3
VCC (V)
Icc, -30º
Icc, 25º
Icc, 85º
Cellular Mixer Conversion Gain
@LO = -10 dBm
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.7
2.8
2.9
3.0
3.1
3.2
3.3
VCC (V)
Gain, -30º
Gain, 25º
Gain, 85º
Cellular Mixer Conversion Gain
@LO = -3 dBm
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.7
2.8
2.9
3.0
3.1
3.2
3.3
VCC (V)
Gain, -30º
Gain, 25º
Gain, 85º
Cellular LO to RF Leakage
@LO = -10 dBm
-38.0
-37.5
-37.0
-36.5
-36.0
-35.5
-35.0
-34.5
-34.0
-33.5
-33.0
-32.5
2.7
2.8
2.9
3.0
3.1
3.2
3.3
VCC (V)
LO2RF, -30º
LO2RF, 25º
LO2RF, 85º
Cellular LO to RF Leakage
@LO = -3 dBm
-28.6
-28.4
-28.2
-28.0
-27.8
-27.6
-27.4
-27.2
-27.0
-26.8
-26.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
VCC (V)
LO2RF, -30º
LO2RF, 25º
LO2RF, 85º



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com