Electronic Components Datasheet Search
  English  ▼

X  

RF2643 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF2643
Description  3V DUAL-BAND UPCONVERTER AND DRIVER AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2643 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF2643 Datasheet HTML 3Page - RF Micro Devices RF2643 Datasheet HTML 4Page - RF Micro Devices RF2643 Datasheet HTML 5Page - RF Micro Devices RF2643 Datasheet HTML 6Page - RF Micro Devices RF2643 Datasheet HTML 7Page - RF Micro Devices RF2643 Datasheet HTML 8Page - RF Micro Devices RF2643 Datasheet HTML 9Page - RF Micro Devices RF2643 Datasheet HTML 10Page - RF Micro Devices RF2643 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Preliminary
6-43
RF2643
Rev A1 010717
6
Evaluation Board Schematic
IF=155MHz
(Download Bill of Materials from www.rfmd.com.)
* Represents "GND".
19
18
17
16
14
13
12
10
9
8
7
5
4
3
2
1
Logic
*
*
*
*
20
6
11
15
Die
Flag
PD
C1
100 pF
50
Ωµstrip
J1
LO
C2
10 nF
C3
10 nF
T1
C4
10 nF
50
Ωµstrip
J3
PCS MIXOUT
C12
13 pF
L5
3.3 nH
C13
1nF
50
Ωµstrip
J6
CELL OUT
VGC
L4
4.7 nH
C11
1nF
50
Ωµstrip
J5
PCS OUT
C10
3pF
C6
3pF
50
Ωµstrip
R4
DNI
L2
3.9 nH
CC
VCC2
C7
10 nF
VCC MIX
C25
33 nF
L8
2.2 nH
C27
0.5 pF
C9
0.1 uF
50
Ωµstrip
J4
PCS IN
R2
240
Ω
L3
10 nH
C8
10 nF
VCC1
C26
33 nF
R3
0
Ω
VCC
L1
12 nH
R5
390
Ω
C15
2pF
50
Ωµstrip
J8
CELL MIXOUT
C17
10 nF
VCC2
SEL
J2
IF
C14
0.1 uF
50
Ωµstrip
J7
CELL IN
L6
1.5 nH
R1
91
Ω
L7
15 nH
VCC1
C16
10 nF
2643400-
P1
1
2
3
CON3
GND
P1-3
VCC MIX
C19
1uF
+
P1-1
VCC
C18
1uF
+
P2
1
2
3
CON3
SEL
P2-3
C21
33 nF
GND
PD
P2-1
C20
33 nF
P3
1
2
3
CON3
P3-1
C24
DNI
VGC
GND
GND
P4
1
2
3
CON3
GND
VCC2
P4-3
C23
1uF
+
VCC1
P4-1
C22
1uF
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com