Electronic Components Datasheet Search
  English  ▼

X  

RF2643 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2643
Description  3V DUAL-BAND UPCONVERTER AND DRIVER AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2643 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2643 Datasheet HTML 1Page - RF Micro Devices RF2643 Datasheet HTML 2Page - RF Micro Devices RF2643 Datasheet HTML 3Page - RF Micro Devices RF2643 Datasheet HTML 4Page - RF Micro Devices RF2643 Datasheet HTML 5Page - RF Micro Devices RF2643 Datasheet HTML 6Page - RF Micro Devices RF2643 Datasheet HTML 7Page - RF Micro Devices RF2643 Datasheet HTML 8Page - RF Micro Devices RF2643 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Preliminary
6-39
RF2643
Rev A1 010717
6
NOTE 1: OIP3 was measured using a two-tone test. Each injected tone had an input power (at the RF output of the
upconverter) of -18 dBm with a frequency spacing of 100 kHz.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Amplifiers/Attenuators
Both Bands
Unless stated otherwise, all data in this sec-
tion is for both Cellular and PCS bands.
T= 25°C, VCC=2.75V.
Gain Control Range
17
20
dB
Gain Control Voltage
0.8
1.9
V
Gain Control Slope
15
35
dB/V
Input Impedance
Single-Ended
50
Ω
Input Return Loss
Single-Ended
10
dB
Output Impedance
Single-Ended
50
Ω
Output Return Loss
Single-Ended
10
dB
RF Output Collector Current
Consumption
10
mA
Upconverter Output to
Amplifier Input
35
40
dB
Any load.
Cellular Band
RF Frequency Range
824
849
MHz
Maximum Gain
5
7
9
dB
Amplifier + Attenuator
Noise Figure at Maximum Gain
2.5
dB
Amplifier + Attenuator
Noise Figure Increase with
Attenuation
0.75
dB/dB
Input IP3 (Linearity)
-1
1
dBm
@ all gain levels
See Note 1 (end of parameter table).
PCS Band
RF Frequency Range
1850
1910
MHz
Maximum Gain
4
6
8
dB
Amplifier + Attenuator
Noise Figure at Maximum Gain
3.5
dB
Amplifier + Attenuator
Noise Figure Increase with
Attenuation
0.75
dB/dB
Input IP3 (Linearity)
-1
0
dBm
See Cellular Band Input IP3 Conditions.
Control and Power
Consumption
Unless otherwise stated, all data in this sec-
tion is for both Cellular and PCS bands.
Operating Voltage
2.7
3.0
V
Power Down Control
2.1
V
HIGH (Device ON)
0.5
V
LOW (Device OFF)
Power Down Pin Impedance
20
k
Ω
Band-Select Control (BS)
2.1
V
PCS (HIGH)
0.5
V
Cellular (LOW)
Band Select Pin Impedance
20
k
Ω
Device OFF Current
10
uA
PD = LOW
Total Current (PD = HIGH)
30
37
mA
Cellular, BS =LOW
33
42
mA
PCS, BS= HIGH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com