Electronic Components Datasheet Search
  English  ▼

X  

RF2643 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF2643
Description  3V DUAL-BAND UPCONVERTER AND DRIVER AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2643 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF2643 Datasheet HTML 2Page - RF Micro Devices RF2643 Datasheet HTML 3Page - RF Micro Devices RF2643 Datasheet HTML 4Page - RF Micro Devices RF2643 Datasheet HTML 5Page - RF Micro Devices RF2643 Datasheet HTML 6Page - RF Micro Devices RF2643 Datasheet HTML 7Page - RF Micro Devices RF2643 Datasheet HTML 8Page - RF Micro Devices RF2643 Datasheet HTML 9Page - RF Micro Devices RF2643 Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Preliminary
6-42
RF2643
Rev A1 010717
6
Application Schematic
* Represents "GND".
19
18
17
16
14
13
12
10
9
8
7
5
4
3
2
1
Logic
*
*
*
*
20
6
11
15
Die
Flag
PD
100 pF
10 nF
C*
C*
13 pF
3.3 nH
1nF
VGC
4.7 nH
1nF
3pF
3pF
3.9 nH
CC
10 nF
33 nF
2.2 nH
0.5 pF
0.1 uF
R*
240
Ω
10 nH
10 nF
12 nH
R*
390
Ω
2pF
10 nF
SEL
0.1 uF
1.5 nH
R*
91
Ω
15 nH
10 nF
Cell RF Filter
V
CC1
V
CC2
V
CC MIX
V
CC
V
CC2
V
CC1
R*
NOTES:
1. All components marked with "R*" are De-Q resistors.
2. All components marked with "C*" should be present, if IF SAW filter has a direct path to ground.
CELL OUT
PCS RF Filter
LO
IF Filter
IF+
IF-
33 nF
PCS OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com