Electronic Components Datasheet Search
  English  ▼

X  

RF2905 Datasheet(PDF) 14 Page - RF Micro Devices

Part # RF2905
Description  433/868/915MHZ FM/FSK/ASK/OOK TRANSCEIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2905 Datasheet(HTML) 14 Page - RF Micro Devices

Back Button RF2905 Datasheet HTML 10Page - RF Micro Devices RF2905 Datasheet HTML 11Page - RF Micro Devices RF2905 Datasheet HTML 12Page - RF Micro Devices RF2905 Datasheet HTML 13Page - RF Micro Devices RF2905 Datasheet HTML 14Page - RF Micro Devices RF2905 Datasheet HTML 15Page - RF Micro Devices RF2905 Datasheet HTML 16Page - RF Micro Devices RF2905 Datasheet HTML 17Page - RF Micro Devices RF2905 Datasheet HTML 18Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
11-66
RF2905
Rev B11 010516
11
Application Schematic
868MHz
17
18
26
12
11
9
Linear
RSSI
24
7
5
Gain
Control
47
3
31
30
34
Prescaler
128/129 or
64/65
Phase
Detector &
Charge Pump
41
40
39
38
35
36
Lock
Detector
42
43
Ref
Select
37
14
13
DATA OUT
RSSI
DIV CTRL
MOD CTRL
OSC SEL
23
MUTE
21
20
22
16
15
LVL ADJ
LOCK DET+
45
PRESCL OUT
28
27
25
FM OUT
D1
6.8
nH
6.8
nH
V
CC
2.7
k
Ω
3.3
nF
47 nF
Filter
22 pF
10 nH
10 pF
V
CC
8.2 uH
22 pF
V
CC
Filter
Filter
FM Disc.
51 k
Ω
10 pF
TX DATA
3.9 k
Ω
3pF
22 pF
10 nF
100 pF
100 pF
10 nF
10 nF
10 nF
10 nF
10 nF
10 nF
5pF
100
pF
100
pF
100
pF
0.1
uF
10
Ω
11 pF
10
Ω
10 nF
10
Ω
10 nF
D1 : SMV1233-011
22 pF
29
10
Ω
V
CC
10 nF
2
1
48
PLL ENABL
RX ENABL
TX ENABL
22
pF
V
CC
10 nF
32
PLL LOOP BANDWIDTH ~5 kHz
10
Ω
46
4.7
uF
22 pF
V
CC
10 nF
10
Ω
44
10
nF
22
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com