Electronic Components Datasheet Search
  English  ▼

X  

RF2905 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF2905
Description  433/868/915MHZ FM/FSK/ASK/OOK TRANSCEIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2905 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF2905 Datasheet HTML 3Page - RF Micro Devices RF2905 Datasheet HTML 4Page - RF Micro Devices RF2905 Datasheet HTML 5Page - RF Micro Devices RF2905 Datasheet HTML 6Page - RF Micro Devices RF2905 Datasheet HTML 7Page - RF Micro Devices RF2905 Datasheet HTML 8Page - RF Micro Devices RF2905 Datasheet HTML 9Page - RF Micro Devices RF2905 Datasheet HTML 10Page - RF Micro Devices RF2905 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
11-59
RF2905
Rev B11 010516
11
Pin
Function
Description
Interface Schematic
27
DEMOD IN
This pin is the input to the FM demodulator. This pin is NOT AC cou-
pled. Therefore, a DC blocking capacitor is required on this pin to avoid
shorting the demodulator input with the LC tank. A ceramic discrimina-
tor or DC blocked LC tank resonant at the IF should be connected to
this pin.
28
IF2 OUT
Balanced IF output from the 60dB limiting amplifier strip. This pin is
intended to be connected to pin 27 through a 4pF (suggested) capaci-
tor and an FM discriminator circuit.
29
VCC6
This pin is used is supply DC bias to the second IF amplifier, Demodu-
lator and Data Slicer. An IF bypass capacitor should be connected
directly to this pin and returned to ground. A 10nF capacitor is recom-
mended for 10.7MHz IF applications.
30
RESNTR+
This port is used to supply DC voltage to the VCO as well as to tune the
center frequency of the VCO. Equal value inductors should be con-
nected to this pin and pin 31 although a small imbalance can be used
to tune in the proper frequency range.
31
RESNTR-
See RESNTR+ description.
See pin 30.
32
VCC2
This pin is used is supply DC bias to the VCO, prescaler, and PLL. An
RF bypass capacitor should be connected directly to this pin and
returned to ground. A 22pF capacitor is recommended for 915MHz
applications. A 68pF capacitor is recommended for 433MHz applica-
tions.
33
GND4
GND4 is the ground shared on chip by the VCO, prescaler, and PLL
electronics.
34
MOD IN
FM analog or digital modulation can be imparted to the VCO through
this pin. The VCO varies in accordance to the voltage level presented
to this pin. To set the deviation to a desired level, a voltage divider refer-
enced to Vcc is the recommended. This deviation is also dependent
upon the overall capacitance of the external resonant circuit.
See pin 30.
35
DIV CTRL
This pin is used to select the desired prescaler divisor. A logic high
(DIVCTRL>2.0V) selects the 64/65 divisor. A logic low
(DIVCTRL<1.0V) selects the 128/129 divisor.
36
MOD CTRL
This pin is used to select the prescaler modulus. A logic high (MOD
CTRL>2.0V) selects 64 or 128 for the prescaler divisor. A logic low
(MOD CTRL<1.0V) selects 65 or 129 for the prescaler divisor.
Duetodesigntimingconstraints, theprescaler in the divideby 65or
129 modes has a limited frequency range for accurate operation.
These two modes are not recommended for use from 400MHz to
460MHz.
37
OSC SEL
A logic high (OSC SEL>2.0V) applied to this pin powers on reference
oscillator 2 and powers down reference oscillator 1. A logic low (OSC
SEL<1.0V) applied to this pin powers on reference oscillator 1 and
powers down reference oscillator 2.
38
OSC B2
This pin is connected directly to the reference oscillator 2 transistor
base. The intended reference oscillator configuration is a modified Col-
pitts.
DEMOD IN
10 k
Ω
V
CC
IF2 OUT
RESNTR-
ESNTR+
4k
Ω
MOD IN
DIV CTL
MOD CTL
OSC E
OSC B1
OSC B2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com