Electronic Components Datasheet Search
  English  ▼

X  

RF2905 Datasheet(PDF) 22 Page - RF Micro Devices

Part # RF2905
Description  433/868/915MHZ FM/FSK/ASK/OOK TRANSCEIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2905 Datasheet(HTML) 22 Page - RF Micro Devices

Back Button RF2905 Datasheet HTML 14Page - RF Micro Devices RF2905 Datasheet HTML 15Page - RF Micro Devices RF2905 Datasheet HTML 16Page - RF Micro Devices RF2905 Datasheet HTML 17Page - RF Micro Devices RF2905 Datasheet HTML 18Page - RF Micro Devices RF2905 Datasheet HTML 19Page - RF Micro Devices RF2905 Datasheet HTML 20Page - RF Micro Devices RF2905 Datasheet HTML 21Page - RF Micro Devices RF2905 Datasheet HTML 22Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
11-74
RF2905
Rev B11 010516
11
TX Power Output and ICC versus
Level Adjust at 433 MHz, 3.6 V VCC
-15.0
-10.0
-5.0
0.0
5.0
10.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
LVL ADJ (V)
5.0
10.0
15.0
20.0
25.0
30.0
P out (dB)
Icc (mA)
TX Power Output and ICC versus
Level Adjust at 868 MHz, 3.6 V VCC
-15.0
-10.0
-5.0
0.0
5.0
10.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
LVL ADJ (V)
5.0
10.0
15.0
20.0
25.0
30.0
P out (dB)
Icc (mA)
TX Power Output and ICC versus
Level Adjust at 905 MHz, 3.6 V VCC
-15.0
-10.0
-5.0
0.0
5.0
10.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
LVL ADJ (V)
5.0
10.0
15.0
20.0
25.0
30.0
Pout (dB)
Icc (mA)
RX Mode Current versus VCC
Freq = 905 MHz
6.00
7.00
8.00
9.00
10.00
11.00
12.00
2.50
2.75
3.00
3.25
3.50
3.75
4.00
4.25
4.50
4.75
5.00
VCC (V)
Icc (mA)
TX Power Output and ICC versus
VCC at 905 MHz, LVL ADJ = VCC
0.00
1.00
2.00
3.00
4.00
5.00
6.00
7.00
8.00
9.00
10.00
2.50
2.75
3.00
3.25
3.50
3.75
4.00
4.25
4.50
4.75
5.00
VCC, LVL ADJ (V)
10.00
15.00
20.00
25.00
30.00
35.00
40.00
Power(dBm)
Icc(mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com