Electronic Components Datasheet Search
  English  ▼

X  

RF2905 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF2905
Description  433/868/915MHZ FM/FSK/ASK/OOK TRANSCEIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2905 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RF2905 Datasheet HTML 5Page - RF Micro Devices RF2905 Datasheet HTML 6Page - RF Micro Devices RF2905 Datasheet HTML 7Page - RF Micro Devices RF2905 Datasheet HTML 8Page - RF Micro Devices RF2905 Datasheet HTML 9Page - RF Micro Devices RF2905 Datasheet HTML 10Page - RF Micro Devices RF2905 Datasheet HTML 11Page - RF Micro Devices RF2905 Datasheet HTML 12Page - RF Micro Devices RF2905 Datasheet HTML 13Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
11-61
RF2905
Rev B11 010516
11
RF2905 Theory of Operation and Application Information
The RF2905 is a part of a family of low-power RF
transceiver IC’s that was developed for wireless data
communication devices operating in the European 433/
868MHz ISM bands or 915MHz US ISM band.This IC
has been implemented in a 15GHz silicon bipolar pro-
cess technology that allows low-power transceiver
operation in a variety of commercial wireless products.
In its basic form, the RF2905 can implement a two-way
half duplex FSK transceiver with the addition of some
crystals, filters, and passive components. There are
two reference crystals that allow for the transmit carrier
and the receiver LO to be independently generated
with a common PLL and VCO. The receiver IF section
is optimized to interface with low cost 10.7 MHz
ceramic filters but has a -3 dB bandwidth of 25 MHz
and can still be used (with lower gain) at higher fre-
quency with the other type of filters. The PA output and
LNA input are available on separate pins and are
designed to be connected together through a DC
blocking capacitor. In the Transmit mode, the PA will
have a 50
Ω impedance and the LNA will be a high
impedance. In Receive mode, the LNA will have a 50
Ω
interface and the PA will have a high impedance. This
eliminates the need for a TX/RX switch and allows a
singleRFfilter tobeusedintransmitand receive
modes. Separate access to the PA and LNA allow the
RF2905 to interface with external components such as
higher power PA’s, lower NF LNA’s, upconverters, and
downconverters for a variety of implementations.
FM/FSK SYSTEMS
The MOD IN pin drives an internal varactor for modu-
lating theVCO.This pin canbedrivenwithavoltage
level needed to generate the desired deviation. This
voltage can be carried on a DC bias to select the
desired slope (deviation/volt) for FM systems. Or, a
resistor divider network referenced to Vcc or ground
can divide down logic level signals to the appropriate
level for a desired deviation in FSK systems.
On the receiver demod, two outputs are available, an
analog FM output and a digital FSK output. The FM
output is a buffered signal coming off of the quadrature
demodulator. The digital output is generated by a data
slicer that is DC coupled differentially to the demodula-
tor. An on-chip 1.6MHz RC filter is provided at the
demodulator output to filter the undesired 2xIF product.
This balanced data slicer has a speed advantage over
a conventional adaptive data slicer where a large
capacitor is used to provide DC reference for bit deci-
sion. Since the balanced data slicer does not have to
charge a large capacitor, the RF2905 exhibits a very
fast response time. For best operation of the on-chip
data slicer, FM deviation needs to exceed the carrier
frequency error anticipated between the receiver and
transmitter with margin.
The data slicer itself is a transconductance amp and
the DATA OUT pin is capable of driving rail to rail out-
put only into a very high impedance and small capaci-
tance. The amount of capacitance will determine the
bandwidth of the DATA OUT. At a 3pF load, the band-
width is in excess of 500kHz. The rail to rail output of
the data slicer is also limited by the frequency deviation
and bandwidth of the IF filters. With the 180kHz band-
width filters on the eval boards, the rail to rail output is
limited to less than 140kHz. Choosing the right IF
bandwidth and deviation vs. data rate (mod index) is
important in evaluating the applicability of the RF2905
for a given data rate.
While this type of data slicer is best for wideband devi-
ation, it can also work for narrowband if care is taken to
minimize frequency differences. By loading down the
DATA OUT pin, the output will be limited to a small data
signal on a DC carrier. With this signal, an external
data slicer can be used to achieve higher data rates or
improve performance in narrow deviations. Alterna-
tively, an AFC loop can be added to correct for fre-
quency errors with a few external components.
For FM or FSK modulation, an internal varactor is used
to directly modulate the VCO with the baseband data.
The primary consideration when directly modulating
the VCO is the data rate verses PLL loop bandwidth.
The PLL will track out the modulation to the extent of
its loop bandwidth which distorts the modulating data.
Therefore, the lower frequency components of the
modulating data should be 5 to 10 times the loop band-
width to minimize the distortion. The lower frequency
components are generated by long strings of 1’s or 0’s
in the data stream. By limiting the number of consecu-
tive, same bits, the lower frequency component can be
set. In addition, the data stream should be balanced to
minimize distortion. Using a coding pattern such as
Manchester is highly recommended to optimize system
performance.
The PLL loop bandwidth is important in several other
system parameters. For example, switching from trans-
mit to receive requires the VCO to retune to another
frequency. The switching speed is proportional to the
loop bandwidth, the higher the loop bandwidth, the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com