Electronic Components Datasheet Search
  English  ▼

X  

RF2905 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2905
Description  433/868/915MHZ FM/FSK/ASK/OOK TRANSCEIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2905 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2905 Datasheet HTML 1Page - RF Micro Devices RF2905 Datasheet HTML 2Page - RF Micro Devices RF2905 Datasheet HTML 3Page - RF Micro Devices RF2905 Datasheet HTML 4Page - RF Micro Devices RF2905 Datasheet HTML 5Page - RF Micro Devices RF2905 Datasheet HTML 6Page - RF Micro Devices RF2905 Datasheet HTML 7Page - RF Micro Devices RF2905 Datasheet HTML 8Page - RF Micro Devices RF2905 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
ü
11-53
11
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
17
18
26
12
11
9
Linear
RSSI
24
7
5
Gain
Control
47
3
31
30
34
Prescaler
128/129 or
64/65
Phase
Detector &
Charge Pump
41
40
39
38
35
36
Lock
Detector
42
43
Ref
Select
37
14
13
DATA OUT
RSSI
DIV CTRL
MOD CTRL
OSC SEL
23
21
20
22
16
15
MIX OUT-
MIX OUT+
MIX IN
LNA OUT
RX IN
TX OUT
45 PRESCL OUT
28
27
25 FM OUT
RF2905
433/868/915MHZ FM/FSK/ASK/OOK
TRANSCEIVER
• Wireless Meter Reading
• Keyless Entry Systems
• 433/868/915MHz ISM Band Systems
• Wireless Data Transceiver
• Wireless Security Systems
• Battery Powered Portable Devices
The RF2905 is a monolithic integrated circuit intended for
use as a low cost FM transceiver. The device is provided
in 7 mmx7mm, 48-lead plastic LQFP packaging and is
designed to provide a fully functional FM transceiver. The
chip is intended for linear (AM, FM) or digital (ASK, FSK,
OOK) applications in the North American 915MHz ISM
band and European 433MHz and 868MHz ISM bands.
The integrated VCO, dual modulus/dual divide (128/129
or 64/65) prescaler, and reference oscillator require only
the addition of an external crystal to provide a complete
phase-locked oscillator.
• Fully Monolithic Integrated Transceiver
• 2.7V to 5.0V Supply Voltage
• Narrow Band and Wide Band FM/FSK
• 300MHz to 1000MHz Frequency Range
• 10dB Cascaded Noise Figure
• 10mW Output Power at 433MHz
RF2905
433/868/915MHz FM/FSK/ASK/OOK Transceiver
RF2905 PCBA-L
Fully Assembled Evaluation Board (433MHz)
RF2905 PCBA-M Fully Assembled Evaluation Board (868MHz)
RF2905 PCBA-H Fully Assembled Evaluation Board (915MHz)
11
Rev B11 010516
Dimensions in mm.
7.00
+0.10 sq.
9.00
+0.20 sq.
0.22
+0.05
7° MAX
0° MIN
0.60
0.15
0.10
+
0.127
1.40
+0.05
0.50
0.35
0.25
Package Style: LQFP-48, 7x7


Similar Part No. - RF2905

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2908 RFMD-RF2908 Datasheet
534Kb / 18P
915MHZ SPREAD SPECTRUM RECEIVER WITH PLL FREQUENCY SYNTHESIZER
RF2909 RFMD-RF2909 Datasheet
156Kb / 8P
3V 915MHZ SPREAD-SPECTRUM TRANSMITTER IC
More results

Similar Description - RF2905

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2915 RFMD-RF2915 Datasheet
386Kb / 18P
433/868/915MHZ FSK/ASK/OOK TRANSCEIVER
RF2917 RFMD-RF2917 Datasheet
408Kb / 14P
433/868/915MHZ FM/FSK RECEIVER
RF2919 RFMD-RF2919 Datasheet
519Kb / 18P
433/868/915MHZ ASK/OOK RECEIVER
RF2945 RFMD-RF2945 Datasheet
742Kb / 24P
433/868/915MHZ FSK/ASK/OOK TRANSCEIVER
logo
List of Unclassifed Man...
TH71112 ETC-TH71112 Datasheet
668Kb / 20P
868/915MHz FSK/FM/ASK Receiver
logo
Melexis Microelectronic...
TH71111 MELEXIS-TH71111 Datasheet
405Kb / 22P
868/915MHz FSK/FM/ASK Receiver
TH71112 MELEXIS-TH71112 Datasheet
417Kb / 22P
868/915MHz FSK/FM/ASK Receiver
TH7108 MELEXIS-TH7108 Datasheet
313Kb / 14P
868/915MHz FSK/FM/ASK Transmitter
TH72035 MELEXIS-TH72035_17 Datasheet
1Mb / 21P
868/915MHz FSK/ASK Transmitter
logo
List of Unclassifed Man...
A7108 ETC-A7108 Datasheet
906Kb / 57P
315/433/868/915MHz FSK/GFSK Transceiver
Apr., 2011, Version 0.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com