Electronic Components Datasheet Search
  English  ▼

X  

RF9678 Datasheet(PDF) 12 Page - RF Micro Devices

Part # RF9678
Description  W-CDMA TRANSMIT MODULATOR AND IF AGC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF9678 Datasheet(HTML) 12 Page - RF Micro Devices

Back Button RF9678 Datasheet HTML 8Page - RF Micro Devices RF9678 Datasheet HTML 9Page - RF Micro Devices RF9678 Datasheet HTML 10Page - RF Micro Devices RF9678 Datasheet HTML 11Page - RF Micro Devices RF9678 Datasheet HTML 12Page - RF Micro Devices RF9678 Datasheet HTML 13Page - RF Micro Devices RF9678 Datasheet HTML 14Page - RF Micro Devices RF9678 Datasheet HTML 15Page - RF Micro Devices RF9678 Datasheet HTML 16Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Preliminary
5-102
RF9678
Rev A4 010622
5
Evaluation Board Schematic
(Download Bill of Materials from www.rfmd.com.)
C1
R1
39 k
Ω
VGC
VPD
R3
1500
Ω
C4
10 nF
C3
10 nF
VCC
T1
1:4
VCC
NC
50
Ωµstrip
J1
MOD
T2
4:1
50
Ωµstrip
J6
LO IN
R2
200
Ω
C2
10 nF
50
Ωµstrip
J5
QSIG-
50
Ωµstrip
J4
QSIG+
50
Ωµstrip
J2
ISIG+
50
Ωµstrip
J3
ISIG-
GND
P1-2
VCC1
P1-1
PD
P1
1
2
3
CON3
GND
GND
P2-1
VGC
P2
1
2
3
CON3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Gain Control
Σ
Qua
d
/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com