Electronic Components Datasheet Search
  English  ▼

X  

RF9678 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF9678
Description  W-CDMA TRANSMIT MODULATOR AND IF AGC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF9678 Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RF9678 Datasheet HTML 4Page - RF Micro Devices RF9678 Datasheet HTML 5Page - RF Micro Devices RF9678 Datasheet HTML 6Page - RF Micro Devices RF9678 Datasheet HTML 7Page - RF Micro Devices RF9678 Datasheet HTML 8Page - RF Micro Devices RF9678 Datasheet HTML 9Page - RF Micro Devices RF9678 Datasheet HTML 10Page - RF Micro Devices RF9678 Datasheet HTML 11Page - RF Micro Devices RF9678 Datasheet HTML 12Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Preliminary
5-98
RF9678
Rev A4 010622
5
Procedure for RF9678 Quadrature Modulator/AGC Optimization
1) Configure the test bench as shown in Figure 5.
2) Apply VCC to the part. (VCC=3.0V)
3) Set gain control to maximum. (VGC=2.4V)
4) Apply the LO signal. (760MHz@-5dBm, for an IF out of 380MHz)
5) Apply the I+ and Q+ signals: (Single Ended)
I Signal: 150kHz@ 500 mVp, Phase=0°, 1.3V DC Offset
Q signal: 150kHz@ 500mVp, Phase = 90°, 1.3V DC Offset
6) Set the DC levels at ISIG-and QSIG- input pins to the nominal value (1.3V). The output spectrum should look similar to
Figure 6.
HP6624A or Equiv
DC Power Supply
Output 3
(VGC)
HPE4422B or Equiv
Analog Signal
Generator
(LO)
HP8904 or Equiv
Multifunction Signal
Generator
(Sine, I+ and Q+)
HP66332A or Equiv
DC Power Supply
(VCC, PD)
Rhode and
Schwartz FSIQ7 or
Equiv, Spectrum
Analyzer
9678410
MOD
OUT
LO
Q-
I-
I+
Q+
VGC
VCC
HP6624A or Equiv
DC Power Supply
Outputs 1 and 2
(VREF)
PD
Figure 5. RF9678 Test Setup
A
SWT
2 s
Unit
dBm
1RM
Ref Lvl
15 dBm
Ref Lvl
15 dBm
RF Att
40 dB
32.5 kHz/
Center 380 MHz
Span 325 kHz
EXT
RBW
5 kHz
VBW
50 kHz
-80
-70
-60
-50
-40
-30
-20
-10
0
10
Date:
6.FEB.2001
00:54:00
Figure 6. Unassigned Single Sideband Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com