Electronic Components Datasheet Search
  English  ▼

X  

RF9678 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF9678
Description  W-CDMA TRANSMIT MODULATOR AND IF AGC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF9678 Datasheet(HTML) 4 Page - RF Micro Devices

  RF9678 Datasheet HTML 1Page - RF Micro Devices RF9678 Datasheet HTML 2Page - RF Micro Devices RF9678 Datasheet HTML 3Page - RF Micro Devices RF9678 Datasheet HTML 4Page - RF Micro Devices RF9678 Datasheet HTML 5Page - RF Micro Devices RF9678 Datasheet HTML 6Page - RF Micro Devices RF9678 Datasheet HTML 7Page - RF Micro Devices RF9678 Datasheet HTML 8Page - RF Micro Devices RF9678 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Preliminary
5-94
RF9678
Rev A4 010622
5
Pin
Function
Description
Interface Schematic
15
ISET
Connected to ground through an external resistor. The value can be
varied to change the current in the AGC for optimum linearity and cur-
rent consumption.
16
PD
Power down control for overall circuit. When logic “high” (
≥V
CC -0.7 V),
all circuits are operating; when logic “low” (
≤0.5V), all circuits are
turned off. The input impedance of this pin is >10k
Ω. A DC voltage less
than or equal to the maximum allowable VCC may be applied to this pin
when no voltage is applied to the VCC pins.
Pkg
Base
GND
Ground connection. The backside of the package should be soldered to
a top side ground pad which is connected to the ground plane with mul-
tiple vias.
PD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com