Electronic Components Datasheet Search
  English  ▼

X  

RF9678 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF9678
Description  W-CDMA TRANSMIT MODULATOR AND IF AGC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF9678 Datasheet(HTML) 2 Page - RF Micro Devices

  RF9678 Datasheet HTML 1Page - RF Micro Devices RF9678 Datasheet HTML 2Page - RF Micro Devices RF9678 Datasheet HTML 3Page - RF Micro Devices RF9678 Datasheet HTML 4Page - RF Micro Devices RF9678 Datasheet HTML 5Page - RF Micro Devices RF9678 Datasheet HTML 6Page - RF Micro Devices RF9678 Datasheet HTML 7Page - RF Micro Devices RF9678 Datasheet HTML 8Page - RF Micro Devices RF9678 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Preliminary
5-92
RF9678
Rev A4 010622
5
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to +5
VDC
Power Down Voltage (VPD)
-0.5toVCC+0.7
V
I and Q Levels, per pin
1.2
VPP
LO1 Level, balanced
+3
dBm
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T=25 °C, VCC=3.0V; ZLOAD=200Ω;
I=Q=500mVPP, 1000mVPP Differential;
Output externally matched
I/Q Input Frequency Range
0 to 10
MHz
Balanced
I/Q Input Impedance
20
k
Ω
Balanced
I/Q Input Reference Level
1.3
VDC
Per Pin
LO1 Frequency Range
0 to 1200
MHz
LO1 Input Level
-15
-8
-5
dBm
Specifications
LO1 Input Impedance
200
Ω
Balanced (Evaluation Board Schematic)
2k
Ω
Balanced, IC input
Sideband Suppression
45
50
dBc
I/Q Amplitude adjusted to within
±20mV
25
30
dBc
Unadjusted
Carrier Suppression
45
50
dBc
I/Q DC Offset adjusted to within
±20mV
20
28
dBc
Unadjusted
IF =380MHz
I=Q=500mVPP, 1000mVPP Differential;
LO1= 760MHz; Output externally matched
Max Output Power, W-CDMA
Mode
-6
-4.5
-3
dBm
W-CDMA ACPR= -50dBc, VGC=2.4VDC,
T=-20°C to +85°C
Min Output Power, CDMA Mode
-63
-59
-56
dBm
VGC=0.2VDC
Output Power Accuracy
-3
+3
dB
T=-20 to +85 °C, Ref=25 °C
Adjacent Channel Power Rejec-
tion @ 5MHz
-46
dBc
W-CDMA Modulation, VGC=0.2VDC to
2.4VDC
Adjacent Channel Power Rejec-
tion @ 10MHz
-56
dBc
W-CDMA Modulation, VGC=0.2VDC to
2.4VDC
Output Noise Power
-135
dBm/Hz
@ 20MHz offset, VGC=2.4VDC
Output Impedance
200
Ω
Balanced
IF =570MHz
I=Q=700mVPP, 1400mVPP Differential;
LO1= 1140MHz; Output externally matched
Max Output Power, W-CDMA
Mode
-4
dBm
W-CDMA ACPR= -50dBc, VGC=2.4VDC,
T=-20°C to +85°C
Adjacent Channel Power Rejec-
tion @ 5MHz
-46
dBc
W-CDMA Modulation, VGC=0.2VDC to
2.4VDC
Adjacent Channel Power Rejec-
tion @ 10MHz
-56
dBc
W-CDMA Modulation, VGC=0.2VDC to
2.4VDC
Power Supply
Supply Voltage
2.7
3.0
3.3
V
Current Consumption
30
39
46
mA
Over temperature
Power Down Current
<10
µA
VPD HIGH Voltage
VCC-1.0
V
VPD LOW Voltage
0.9
V
Gain Control Range
0.2
2.4
V
VGC Current
40
µA
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com