Electronic Components Datasheet Search
  English  ▼

X  

RF9678 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF9678
Description  W-CDMA TRANSMIT MODULATOR AND IF AGC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF9678 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RF9678 Datasheet HTML 5Page - RF Micro Devices RF9678 Datasheet HTML 6Page - RF Micro Devices RF9678 Datasheet HTML 7Page - RF Micro Devices RF9678 Datasheet HTML 8Page - RF Micro Devices RF9678 Datasheet HTML 9Page - RF Micro Devices RF9678 Datasheet HTML 10Page - RF Micro Devices RF9678 Datasheet HTML 11Page - RF Micro Devices RF9678 Datasheet HTML 12Page - RF Micro Devices RF9678 Datasheet HTML 13Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Preliminary
5-99
RF9678
Rev A4 010622
5
Carrier Suppression Optimization
7) While maintaining a constant DC level (1.3V) on the "ISIG-" pin, adjust the DC level of the "ISIG+" input in as small an
increment (~1.0mV) as the test equipment will allow. Observe the output on the spectrum analyzer. Adjust the DC level
until the carrier signal is at a minimum. Typically, the minimum will occur within a ±20mV window of the reference voltage
(1.3± 0.02V).
8) While maintaining a constant DC level (1.3V) on the "QSIG-" pin, adjust the DC level of the "QSIG+" input in as small
an increment as the test equipment will allow (1.0mV). Observe the output on the spectrum analyzer. Adjust the DC level
until the carrier signal is at a minimum. Typically, the minimum will occur within a ±20mV window of the reference voltage
(1.3± 0.02V).
9) Repeating Steps 7 and 8 may yield slightly better suppression. The output spectrum should look similar to Figure 7.
(Note the suppressed carrier signal.)
Sideband Suppression Optimization
10) Adjust the AC amplitude of the "ISIG+" signal in as small an increment as the test equipment will allow (~1mV).
Observe the output of the spectrum analyzer. Adjust the AC amplitude of the signal until the sideband signal is at a mini-
mum. The minimum sideband signal level should occur within ±20mV adjustment. (0.500 ±0.02 V)
11) Adjust the AC amplitude of the "QSIG+" signal in as small an increment as the test equipment will allow (~1mV).
Observe the output of the spectrum analyzer. Adjust the AC amplitude of the signal until the sideband signal is at a mini-
mum. The minimum sideband signal level should occur within ±20mV adjustment (0.500 ±0.02V).
12) Adjust the phase of the "QSIG+" signal in as small an increment as the test equipment will allow (`0.1°). Observe the
output of the spectrum analyzer. Adjust the phase of the "QSIG+" signal until the sideband suppression is at a minimum.
The sideband signal should reach a minimum within ±1° of adjustment (90± 1°).
13) The device is now optimized for maximum carrier and sideband suppression. The output spectrum should look simi-
lar to Figure 8. (Note the suppressed carrier and sideband signals.)
A
Unit
dBm
1RM
Ref Lvl
15 dBm
Ref Lvl
15 dBm
RF Att
40 dB
32.5 kHz/
Center 380 MHz
Span 325 kHz
EXT
RBW
5 kHz
VBW
50 kHz
SWT
33 ms
-80
-70
-60
-50
-40
-30
-20
-10
0
10
1
Marker 1 [T1]
0.22 dBm
379.84987475 MHz
Date:
6.FEB.2001
00:55:31
Figure 7. Optimized Carrier Suppression



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com