Electronic Components Datasheet Search
  English  ▼

X  

RF9678 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF9678
Description  W-CDMA TRANSMIT MODULATOR AND IF AGC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF9678 Datasheet(HTML) 1 Page - RF Micro Devices

  RF9678 Datasheet HTML 1Page - RF Micro Devices RF9678 Datasheet HTML 2Page - RF Micro Devices RF9678 Datasheet HTML 3Page - RF Micro Devices RF9678 Datasheet HTML 4Page - RF Micro Devices RF9678 Datasheet HTML 5Page - RF Micro Devices RF9678 Datasheet HTML 6Page - RF Micro Devices RF9678 Datasheet HTML 7Page - RF Micro Devices RF9678 Datasheet HTML 8Page - RF Micro Devices RF9678 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
5-91
5
Preliminary
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
ü
SiGe HBT
Si CMOS
1
VGC
2
VCC2
3
MOD+
4
MOD-
5
6
7
8
9 LO-
10 LO+
12 NC
13
14
15
16
Gain Control
S
Quad
/2
11 BG OUT
RF9678
W-CDMA TRANSMIT MODULATOR AND IF AGC
• W-CDMA Systems
• EDGE Systems
• CDMA Systems
• TDMA Systems
The RF9678 is an integrated complete quadrature modu-
lator and IF AGC amplifier designed for the transmit sec-
tion of W-CDMA applications. It is designed to modulate
baseband I and Q signals, and amplify the resulting IF
signals while providing 55dB of gain control range. This
circuit is designed as part of RFMD’s single mode
W-CDMA Chipset, which also includes the RF2679
W-CDMA Receive IF AGC and Demodulator. The IC is
manufactured on an advanced Silicon Bi-CMOS process,
and is supplied in a16-pin leadless chip carrier.
• Digitally Controlled Power Down Modes
• 2.7V to 3.3V Operation
• Digital LO Quadrature Divider
• AGC Linearity/Current Consumption Var.
• IF AGC Ampwith55dBGainControl
RF9678
W-CDMA Transmit Modulator and IF AGC
RF9678 PCBA
Fully Assembled Evaluation Board
5
Rev A4 010622
Dimensions in mm.
1.85
1.55 sq.
.60
.24 typ
.75
.50
.23
.13
4 PLCS
.65
.30
4 PLCS
4.00
sq.
2
.35
.23
.65
.05
.01
12°
max
1.00
0.85
.80
.65
NOTES:
Shaded Pin is Lead 1.
1
5
Die thickness allowable: 0.305 mm max.
Package Warpage: 0.05 max.
4
Pin 1 identifier must exist on top surface of package by identification mark or
feature on the package body. Exact shape and size is optional.
3
Dimension applies to plated terminal and is measured between 0.02 mm and
0.25 mm from terminal end.
2
Package Style: LCC, 16-Pin, 4x4


Similar Part No. - RF9678

ManufacturerPart #DatasheetDescription
logo
REYCONNS CHINA LIMITED
RF9671 REYCONNS-RF9671 Datasheet
513Kb / 5P
SAW Filter
More results

Similar Description - RF9678

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2609 RFMD-RF2609 Datasheet
94Kb / 8P
CDMA/FM TRANSMIT AGC AMPLIFIER
RF2638 RFMD-RF2638 Datasheet
152Kb / 10P
W-CDMA AND CDMA UPCONVERTER/ BPSK MODULATOR
RF2658 RFMD-RF2658 Datasheet
114Kb / 10P
TRANSMIT MODULATOR, IF AGC, AND UPCONVERTER
RF2668 RFMD-RF2668 Datasheet
430Kb / 16P
CDMA/FM TRANSMIT MODULATOR, IF AGC, AND UPCONVERTER WITH INTEGRATED PLL
RF9958 RFMD-RF9958 Datasheet
129Kb / 12P
CDMA/FM TRANSMIT MODULATOR, IF AGC, AND UPCONVERTER
logo
ams AG
AS3801 AMSCO-AS3801 Datasheet
75Kb / 7P
CDMA/FM TRANSMIT AGC AMPLIFIER AS3801
logo
NEC
UPC8195K NEC-UPC8195K Datasheet
60Kb / 6P
TX-IF SiMMIC FOR W-CDMA AGC I/Q MODULATOR
logo
Intersil Corporation
HFA3767 INTERSIL-HFA3767 Datasheet
150Kb / 6P
130MHz CDMA/AMPS Quadrature Modulator and AGC
February 1998
logo
California Eastern Labs
UPC8195K CEL-UPC8195K Datasheet
206Kb / 7P
TX-IF SiMMIC FOR W-CDMA AGC I/Q MODULATOR
logo
RF Micro Devices
RF2638 RFMD-RF2638_06 Datasheet
170Kb / 10P
W-CDMA AND CDMA UPCONVERTER/ BPSK MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com