Electronic Components Datasheet Search
  English  ▼

X  

SA9109B Datasheet(PDF) 1 Page - Sames

Part # SA9109B
Description  MONOCHIP SINGLE PHASE BIDIRECTIONAL KILOWATT HOUR METERING IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9109B Datasheet(HTML) 1 Page - Sames

  SA9109B Datasheet HTML 1Page - Sames SA9109B Datasheet HTML 2Page - Sames SA9109B Datasheet HTML 3Page - Sames SA9109B Datasheet HTML 4Page - Sames SA9109B Datasheet HTML 5Page - Sames SA9109B Datasheet HTML 6Page - Sames SA9109B Datasheet HTML 7Page - Sames SA9109B Datasheet HTML 8Page - Sames SA9109B Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
sames
SA9109B
FEATURES
n
Performs bidirectional energy meter-
ing and directly drives a LCD with 7
digits display plus announciators
n
Programable method of energy addi-
tion
n
Pin compatible with SAMES SA9109A
n
4 externally selectable on-chip tariff
registers
n
An additional total energy register
n
Meets the IEC 521/1036 Specification
requirements for Class 1 AC Watt hour
meters
1/16
4482
PDS039-SA9109B-001
REV. B
13-06-1997
Package: PLCC-44
MONOCHIP SINGLE PHASE BIDIRECTIONAL
KILOWATT HOUR METERING IC
DESCRIPTION
The SAMES SA9109B Single Phase bidi-
rectional energy metering integrated cir-
cuit has an integrated Liquid Crystal Dis-
play (LCD) driver for a 7 digit (7 segment)
display as well as 4 multiple tariff registers.
The SA9109B performs the active power
calculation.
The method of calculation takes the power
factor into account.
Two methods of energy measurement are
available. One method results in energy
values which take the direction of energy
flow into account, a summation of signed
integers. The alternative method meas-
ures energy regardless of the direction of
energy flow, a summation of absolute
values.
The required measurement
method may be selected when writing to
the RAM of the device.
PIN CONNECTIONS
n
Optical interface for electronic reading
according to IEC1107 Mode D
n
Pulse output for calibration
n
Power consumption rating below 40mW
n
Adaptable to different types of current
sensors
n
Operates over a wide temperature
range
n
Precision voltage reference on-chip
n
Protected against ESD
12
34
3
VSS
DR-01252
CIP
CIN
COP
8
7
4
6
5
10
911
PDTA
PGM
SR[0]
SR[1]
PB
VBA
PCLK
38
41
42
43
44
1
2
40
39
37
35
36
21
R[3]
16
15
14
13
17
18
19
20
R[2]
R[1]
R[0]
30
31
32
33
27
22
24
25
26
23
28
29
S[4]
S[3]
S[2]
S[1]
COFF
S[0]
S[5]


Similar Part No. - SA9109B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA910 PHILIPS-SA910 Datasheet
114Kb / 13P
Variable gain RF predriver amplifier
1997 Aug 12
logo
Sames
SA9101 SAMES-SA9101 Datasheet
711Kb / 40P
PCM FRAME ALIGNER
SA9102C SAMES-SA9102C Datasheet
60Kb / 12P
SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC PULSE OUTPUT
SA9102CPA SAMES-SA9102CPA Datasheet
60Kb / 12P
SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC PULSE OUTPUT
SA9102CSA SAMES-SA9102CSA Datasheet
60Kb / 12P
SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC PULSE OUTPUT
More results

Similar Description - SA9109B

ManufacturerPart #DatasheetDescription
logo
Sames
PM9109BFE SAMES-PM9109BFE Datasheet
179Kb / 18P
MONOCHIP SINGLE PHASE BIDIRECTIONAL KILOWATT HOUR METERING MODULE
PM9110BFA SAMES-PM9110BFA Datasheet
162Kb / 14P
MONOCHIP THREE PHASE BIDIRECTIONAL KILOWATT HOUR METERING MODULE
SA9103C SAMES-SA9103C Datasheet
251Kb / 16P
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH SERIAL INTERFACE
SA9110A SAMES-SA9110A Datasheet
183Kb / 18P
MONOCHIP THREE PHASE BIDIRECTIONAL
SA2002P SAMES-SA2002P Datasheet
127Kb / 14P
Programmable Single Phase Kilowatt-hour Energy IC for Mechanical Counter Application
SA2002D SAMES-SA2002D Datasheet
100Kb / 10P
Single Phase Kilowatt-hour Metering IC for Mechanical Display Applications
PM9109BF SAMES-PM9109BF Datasheet
181Kb / 18P
MONOCHIP SINGLE PHASE BIDIRECTIONAL
SA2102D SAMES-SA2102D Datasheet
428Kb / 16P
Single Phase Kilowatt-hour Metering IC
SA4101A SAMES-SA4101A Datasheet
518Kb / 15P
Single Phase Kilowatt-hour Metering IC
SA4305A SAMES-SA4305A Datasheet
528Kb / 15P
Three Phase Bidirectional Energy Metering IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com