Electronic Components Datasheet Search
  English  ▼

X  

SA9109B Datasheet(PDF) 10 Page - Sames

Part # SA9109B
Description  MONOCHIP SINGLE PHASE BIDIRECTIONAL KILOWATT HOUR METERING IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9109B Datasheet(HTML) 10 Page - Sames

Back Button SA9109B Datasheet HTML 6Page - Sames SA9109B Datasheet HTML 7Page - Sames SA9109B Datasheet HTML 8Page - Sames SA9109B Datasheet HTML 9Page - Sames SA9109B Datasheet HTML 10Page - Sames SA9109B Datasheet HTML 11Page - Sames SA9109B Datasheet HTML 12Page - Sames SA9109B Datasheet HTML 13Page - Sames SA9109B Datasheet HTML 14Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
SA9109B
10/18
sames
Offset Adjustment
The precision of this device does not require any offset adjustment for Class 1
metering. This facility has been provided to compensate for poor PCB layout or
circumstances requiring precision well beyond a Class 1 rating.
The offset of the device may be adjusted by programming a different offset into the
device during calibration. To calculate the offset the following procedure should be
followed:
Measure the linearity error at the current where offset correction is needed.
K
O
=
I
M
*
E
RR
I
R
* 6 *
10-6
Where
I
M
= Measured current on the current sensor
I
R
= Rated current on the current sensor
E
RR =
Error ratio between the device and the Wh standard
K
O
= Offset constant (-127 ...127)
(The default value is 0)
Note that K
O must be programmed as a integer value.
Display resolution
From the above formula for f
P it can be derived that the slope constant, Ks, is given
by the following expression:
K
S =
626 * 3600 * 1000 * E
kWL
V
L * IL
Where
E
kWh
= energy for 1 display increment in kWh
V
L
= rated line voltage
I
L
= rated line current
This formula is valid only if 16µA
RMS flows into the current sense input for rated line
current (I
L) and 14µARMS flows into the voltage sense input for rated line voltage (VL).
Meter/Manufacturers Identification Data
A total of eleven 4 bit words are available to store relevant data such as the meter
and manufacturer identification codes. For the optical interface protocol, the 4-bit
words are converted to 8-bit words (ASCII-format).
Writing to RAM
The memory is configured as ten 32 bit words. The programming data must be
written to the device as a bitstream containing a total of 320 bits. ROM-locations
will not be overwritten.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com