Electronic Components Datasheet Search
  English  ▼

X  

SA9109B Datasheet(PDF) 14 Page - Sames

Part # SA9109B
Description  MONOCHIP SINGLE PHASE BIDIRECTIONAL KILOWATT HOUR METERING IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9109B Datasheet(HTML) 14 Page - Sames

Back Button SA9109B Datasheet HTML 10Page - Sames SA9109B Datasheet HTML 11Page - Sames SA9109B Datasheet HTML 12Page - Sames SA9109B Datasheet HTML 13Page - Sames SA9109B Datasheet HTML 14Page - Sames SA9109B Datasheet HTML 15Page - Sames SA9109B Datasheet HTML 16Page - Sames SA9109B Datasheet HTML 17Page - Sames SA9109B Datasheet HTML 18Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
SA9109B
14/18
sames
7.
Power Failure/Battery Backup
A battery backup facility is available on VBA. This feature is provided to ensure
retention of the information stored in the registers, in case of power breaks.
The VSS supply to the analog circuitry and digital circuitry of this device has been
separated. In the event of a power failure, the supply to the analog circuitry falls
to 0V. The digital circuitry is switched to a power down mode, to minimise the supply
current from an external battery backup. During this procedure, the following
events take place:
•
All inputs are disabled
•
All outputs are placed in high impedance mode
•
The oscillator is inhibited
•
The LCD driver is disabled
•
The contents of the RAM is retained by means of an external power source.
8.
Electrostatic Discharge (ESD) Protection
The SA9109B integrated circuits inputs/outputs are protected against ESD.
9.
Power Consumption
The power consumption rating of the SA9109B integrated circuit is less than 40mW.
TYPICAL APPLICATION
In the Application Circuit (Figure 1), the components required for a single phase power
metering application are shown.
In Figure 1 a shunt resistor is used for current sensing. In the application, the circuitry
requires a +2.5V, 0V, -2.5V DC supply.
The most important external components for the SA9109B integrated circuit are:
C
1 and C2 are the outer loop capacitors for the two integrated oversampling A/D
converters. The value of these capacitors is 560pF.
The actual values determine signal to noise and stability performance. The tolerances
should be within ±10%.
C
3 and C4 are the inner loop capacitors of the A/D converters.
The optimum value is
3.3nF. The actual values are uncritical. Values smaller than 0.5nF and larger than 5nF
should be avoided.
R
1, R2 and RSH are the resistors defining the current level into the current sense input.
The values should be selected for an input current of 16µA
RMS into the SA9109A, at
maximum line current.
R
1 = R2 =
I
L
*
R
SH
16µA
RMS
2
Where
I
L
=
Line current
RSH
=
Shunt resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com