Electronic Components Datasheet Search
  English  ▼

X  

SA9109B Datasheet(PDF) 15 Page - Sames

Part # SA9109B
Description  MONOCHIP SINGLE PHASE BIDIRECTIONAL KILOWATT HOUR METERING IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9109B Datasheet(HTML) 15 Page - Sames

Back Button SA9109B Datasheet HTML 10Page - Sames SA9109B Datasheet HTML 11Page - Sames SA9109B Datasheet HTML 12Page - Sames SA9109B Datasheet HTML 13Page - Sames SA9109B Datasheet HTML 14Page - Sames SA9109B Datasheet HTML 15Page - Sames SA9109B Datasheet HTML 16Page - Sames SA9109B Datasheet HTML 17Page - Sames SA9109B Datasheet HTML 18Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
SA9109B
sames
15/18
R
3, R6 and R4 set the current for the voltage sense input. The values should be selected
so that the input current into the voltage sense input (virtual ground) is set to 14µA
RMS.
R
7 defines all on-chip bias and reference currents. With R7 = 24kΩ, optimum conditions
are set. R
7 may be varied within ±10% for calibration purposes.
Any change to R
7 will
affect the energy calculation quadratically.
XTAL is a colour burst TV crystal (f = 3.5795MHz) for the oscillator. The oscillator
frequency is divided down to 1.7897MHz on-chip to supply the digital circuitry and the
A/D converters.
Figure 1: Application Circuit using a Shunt Resistor for Current Sensing.
4
BAT
D1
D2
IC - I
SA 9109B
20
C4
R3
C5
R4
RSH
SU PPL Y
0V
DR- 0 1 2 5 8
19
18
17
R2
R1
R6
9
10
C1
C3
14
13
12
11
16
15
7
8
6
5
C2
- 2 .5 V
LOA D
R1 1
R1 0
+2 .5 V
C1 0
0V
R7
C7
C9
C6
PG M
.
.
N E G A TIV E T 1 T2 T 3 T4
T O TA L
.
.
.
.
28
27
26
25
24
23
22
21
29
37
36
35
34
33
32
30
31
3
2
41
42
1
44 43
40
38
39
XT A L
.
.
.
.
.
.
.
.
R9
PD T A
PC L K
T ARIF F SE L ECT
DIS PL A Y
SE LEC T
- 2 .5 V
R8
R1 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com