Electronic Components Datasheet Search
  English  ▼

X  

SA9109B Datasheet(PDF) 11 Page - Sames

Part # SA9109B
Description  MONOCHIP SINGLE PHASE BIDIRECTIONAL KILOWATT HOUR METERING IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9109B Datasheet(HTML) 11 Page - Sames

Back Button SA9109B Datasheet HTML 7Page - Sames SA9109B Datasheet HTML 8Page - Sames SA9109B Datasheet HTML 9Page - Sames SA9109B Datasheet HTML 10Page - Sames SA9109B Datasheet HTML 11Page - Sames SA9109B Datasheet HTML 12Page - Sames SA9109B Datasheet HTML 13Page - Sames SA9109B Datasheet HTML 14Page - Sames SA9109B Datasheet HTML 15Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
SA9109B
sames
11/18
Word
Bit
Function
Description
number number
1
31..28
Sign of Register 1
A '0' indicates a negative register value
1
27..0
Register 1
Contents of register 1 in binary coded decimal
2
31..28
Sign of Register 2
A '0' indicates a negative register value
2
27..0
Register 2
Contents of register 2 in binary coded decimal
3
31..28
Sign of Register 3
A '0' indicates a negative register value
3
27..0
Register 3
Contents of register 3 in binary coded decimal
4
31..28
Sign of Register 4
A '0' indicates a negative register value
4
27..0
Register 4
Contents of register 4 in binary coded decimal
5
31..28
Sign of Register
A '0' indicates a negative register value
'Total'
5
27..0
Register 'Total'
Registers 1, 2,3 and 4 are added and stored in the
register 'Total'
6
31..16
ROM
Don't care
6
15..0
Manufacturers
16 bits are available for the manufacturer of the
Identification
metering system as a system identification
7
31..28
ROM
Don't care
7
27..0
System
28 bits are available for the manufacturer of the
Identification
metering system as a system identification
8
31..0
ROM
Don't care
9
31
Programmed
Programmed slope select bit must be set if the
slope select
default slope in ROM is not used
9
30..26
ROM
Don't care
9
25
Summation
0 to select addition which takes direction of
method select
energy flow into account
1 to select addition which does not take direction
of energy flow into account
9
24..22
SAMES defined
Bits must be set to 0 for correct functionality
9
21
Sign of offset
By setting the sign bit a negative value is indi-
cated
9
20..14
Offset
Offset of the device in binary
9
13..0
Slope
Slope of the device in binary. (default = 11389)
10
31..0
ROM
Don't care
The first bit of the programming data is written to word number 1, bit 31. The last
bit is written to word number 10, bit 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com