Electronic Components Datasheet Search
  English  ▼

X  

SA9109B Datasheet(PDF) 12 Page - Sames

Part # SA9109B
Description  MONOCHIP SINGLE PHASE BIDIRECTIONAL KILOWATT HOUR METERING IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9109B Datasheet(HTML) 12 Page - Sames

Back Button SA9109B Datasheet HTML 8Page - Sames SA9109B Datasheet HTML 9Page - Sames SA9109B Datasheet HTML 10Page - Sames SA9109B Datasheet HTML 11Page - Sames SA9109B Datasheet HTML 12Page - Sames SA9109B Datasheet HTML 13Page - Sames SA9109B Datasheet HTML 14Page - Sames SA9109B Datasheet HTML 15Page - Sames SA9109B Datasheet HTML 16Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
SA9109B
12/18
sames
Programming procedure:
The PGM pin is pulled low and the PCLK pin should be clocked with an external
clock. The programming data on the PDTA pin must be stable during the rising edge
of the clock signal on PCLK.
The clock signal on PCLK should not exceed 200 kHz and does not have to be
synchronised with the oscillator frequency (FOSC).
Programming mode is interrupted if PGM goes high.
Memory Reset
In programming mode (while PGM is pulled low) if PCLK is left floating and
PDTA = 0, the internal clock of the SA9109B will ensure that default values are set.
For default conditions all of the RAM locations are set to 0 and the value of the slope
is set to 11389.
The minimum time period for a complete reset cycle is determined by:
t
min =
322 *
64
FOSC
Where FOSC = Oscillator frequency (2MHz......4MHz)
If the recommended crystal frequency of 3.5795MHz is used, this will result in a
minimum reset time of 5.8ms.
The specified signal levels on pins PGM, PCLK and PDTA must remain stable for
the entire reset cycle period.
PDTA
BIT-N0
W ORD-NO
DR-01257
29
1
31
30
11
1
28
27
1
PCLK
PGM
10
24
1
1
1
26
25
0
23
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com