Electronic Components Datasheet Search
  English  ▼

X  

SA9110A Datasheet(PDF) 8 Page - Sames

Part # SA9110A
Description  MONOCHIP THREE PHASE BIDIRECTIONAL
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9110A Datasheet(HTML) 8 Page - Sames

Back Button SA9110A Datasheet HTML 4Page - Sames SA9110A Datasheet HTML 5Page - Sames SA9110A Datasheet HTML 6Page - Sames SA9110A Datasheet HTML 7Page - Sames SA9110A Datasheet HTML 8Page - Sames SA9110A Datasheet HTML 9Page - Sames SA9110A Datasheet HTML 10Page - Sames SA9110A Datasheet HTML 11Page - Sames SA9110A Datasheet HTML 12Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
SA9110A
8/18
sames
Digit
Column
R[0]
R[1]
R[2]
R[3]
10-1
S[0]
Total
c
b
a
LSD
S[1]
d
e
g
f
100
S[2]
T4
c
b
a
S[3]
d
e
g
f
101
S[4]
T3
c
b
a
S[5]
d
e
g
f
102
S[6]
T2
c
b
a
S[7]
d
e
g
f
103
S[8]
T1
c
b
a
S[9]
d
e
g
f
104
S[10]
Dir
c
b
a
S[11]
d
e
g
f
105
S[12]
h
c
b
a
MSD
S[13]
d
e
g
f
COLUMNS
S[12]
S[13]
DR-00955
T4
S[3]
h
..
b
f
g
e
d
c
4
a
.
6
TOTAL
S[2]
S[1]
S[0]
.
.
.
7
R[0]
R[1]
R[2]
R[3]
The kWh values of the LCD display digits, are given in the table below. The
resolution of the Least Significant Digit is normally programmed to 0.1kWh:
105
104
103
102
101
100
10-1
kWh
LCD Layout
The LCD display is given in the diagram below:
LCD Segment Address Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com