Electronic Components Datasheet Search
  English  ▼

X  

SA9110A Datasheet(PDF) 9 Page - Sames

Part # SA9110A
Description  MONOCHIP THREE PHASE BIDIRECTIONAL
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9110A Datasheet(HTML) 9 Page - Sames

Back Button SA9110A Datasheet HTML 5Page - Sames SA9110A Datasheet HTML 6Page - Sames SA9110A Datasheet HTML 7Page - Sames SA9110A Datasheet HTML 8Page - Sames SA9110A Datasheet HTML 9Page - Sames SA9110A Datasheet HTML 10Page - Sames SA9110A Datasheet HTML 11Page - Sames SA9110A Datasheet HTML 12Page - Sames SA9110A Datasheet HTML 13Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
SA9110A
sames
9/18
Programmable slope divider
* At rated conditions
The display is incremented after every 64th pulse on SDO.
Display Resolution
From the above formula for f
p it can be derived that the slope constant, Ks, is given
by the following expression:-
K
s = (626
* 3600 * 1000 * EKWh) / ( 3 * VL * IL)
Where E
kWh
=
energy for 1 Display increment in kWh
V
L
=
rated line voltage
I
L
=
rated line current
This formula is valid only if 16µA flows into each of the current sense inputs for rated
line current (I
L) and 14µA flows into the voltage sense inputs for rated line voltage
(V
L).
4.
Device Programming
The SA9110A contains on-chip registers which enables the meter manufacturer to
store various data:
Slope Adjustment
The slope of the device may be adjusted by programming a slope constant (K
S) into
the device during calibration. The output frequency at SDO (f
P) is calculated by
means of the following formula:
f
P
= 11.16 *
FOSC
*
40062.5
*
(I
I1
* IV1) + (II2 * IV2) + (II3 * IV3)
3.5795MHz
K
S
3 * I
R
2
Where
FOSC
=
Oscillator frequency (2MHz ...... 4MHz)
I
I1, II2, II3
=
Input current for current sensor input (16µA at rated line current)
I
V1, IV2, IV3
=
Input current for voltage sensor input (14µA at rated line voltage)
I
R
=
Reference current (typically 50µA)
K
S
=
Slope constant (1025 ... 16384)
(The default value is 11389)
By changing the slope of the device the resolution of the LCD together with the pulse
rate on SDO may be changed by up to an order. The block diagram below illustrates
the display update rate.
40062.5*
Pulses / s
DR-00956
1 / K s
1 / 64
f p
Display
Increment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com