Electronic Components Datasheet Search
  English  ▼

X  

SA9110A Datasheet(PDF) 12 Page - Sames

Part # SA9110A
Description  MONOCHIP THREE PHASE BIDIRECTIONAL
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9110A Datasheet(HTML) 12 Page - Sames

Back Button SA9110A Datasheet HTML 8Page - Sames SA9110A Datasheet HTML 9Page - Sames SA9110A Datasheet HTML 10Page - Sames SA9110A Datasheet HTML 11Page - Sames SA9110A Datasheet HTML 12Page - Sames SA9110A Datasheet HTML 13Page - Sames SA9110A Datasheet HTML 14Page - Sames SA9110A Datasheet HTML 15Page - Sames SA9110A Datasheet HTML 16Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
SA9110A
12/18
sames
The 4 tariff registers as well as the total register may be sequentially displayed by
activating the Push Button (PB). The minimum Push Button make time is 5mS. The
contents of the register selected for display is retained on the display for a period
of 10 seconds, provided that the push button is not activated during this period. After
the 10 seconds has elapsed, the display defaults to the "active" register defined by
the status of the SR[0] and SR[1] inputs.
The register selected for display via the push button (PB) is indicated by the relevant
announciator.
Memory Reset
In programming mode (while PGM is pulled low) if PCLK is left floating and PDTA=0,
the internal clock of the SA9110A will ensure that default values are set. For default
conditions all of the RAM locations are set to 0 and the value of the slope is set to
11389.
The minimum time period for a complete reset cycle is determined by:
t
min
=
322 *
64
FOSC
Where FOSC = Oscillator frequency (2MHz.....4MHz)
If the recommended crystal frequency of 3.5795MHz is used, this will result in a
minimum reset time of 5.8ms.
The specified signal levels on pins PGM, PCLK and PDTA must remain stable for
the entire reset cycle period.
5.
Tariff Registers
A multiple tariff facility is provided on-chip by means of 4 tariff registers, which are
externally selectable via the SR[0] and SR[1] inputs. The registers may be selected
by programming the SR[0] and SR[1] inputs as follows:
SR[1]
SR[0]
Register
0
0
Register 1
0
1
Register 2
1
0
Register 3
1
1
Register 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com