Electronic Components Datasheet Search
  English  ▼

X  

SA9110A Datasheet(PDF) 14 Page - Sames

Part # SA9110A
Description  MONOCHIP THREE PHASE BIDIRECTIONAL
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9110A Datasheet(HTML) 14 Page - Sames

Back Button SA9110A Datasheet HTML 10Page - Sames SA9110A Datasheet HTML 11Page - Sames SA9110A Datasheet HTML 12Page - Sames SA9110A Datasheet HTML 13Page - Sames SA9110A Datasheet HTML 14Page - Sames SA9110A Datasheet HTML 15Page - Sames SA9110A Datasheet HTML 16Page - Sames SA9110A Datasheet HTML 17Page - Sames SA9110A Datasheet HTML 18Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
SA9110A
14/18
sames
TYPICAL APPLICATION
In the Application Circuit (Figure 1), the components required for a three phase power
metering application are shown. Terminated current transformers are used for current
sensing.
The most important external components for the SA9110A integrated circuit are:
C
7, C9, C10 and C11 are the outer loop capacitors for the integrated oversampling
A/D converters. The typical value of C
7 is 2.2nF and the value of C9, C10 and C11 is
560pF.
The actual values determine the signal to noise and stability performance. The tolerances
should be within ± 10%.
C
4, C5, C6 and C8 are the inner loop capacitors for the integrated oversampling A/D
converters. The typical value of C
4, C5, C6 and C8 is 3.3nF. Values smaller than 0.5nF
and larger than 5nF should be avoided.
Terminated current sensors (current transformers) are connected to the current sensor
inputs of the SA9110A through current setting resistors (R
8 ..R13).
The resistor values should be selected for an input current of 16
µA
RMS into the SA9110A,
at the rated line current.
The values of these resistors should be calculated as follows:
Phase 1:
R
8 = R9 = (IL1/16µARMS) * R18/2
Phase 2:
R
10 = R11 = (IL2/16µARMS) * R19/2
Phase 3:
R
12 = R13 = (IL3/16µARMS) * R20/2
Where I
LX
=
Secondary CT current at rated conditions.
R
18, R19 and R20
=
Current transformer termination resistors for the three phases.
R
1 , R4 and R15 set the current for the phase 1 voltage sense input.
R
2 , R5 and R16 set
the current for phase 2 and R
3 , R6 and R17 set the current for phase 3. The values should
be selected so that the input currents into the voltage sense inputs (virtual ground) are
set to 14
µA
RMS for nominal line voltage. Capacitors C1, C2 and C3 are for decoupling and
phase compensation.
R
7 defines all on-chip bias and reference currents (IR).
With R
7 = 24kΩ, optimum
conditions are set. R
7 may be varied within ± 10% for calibration purposes. Any changes
to R
7 will affect the output quadratically (i.e:
∆R = +5%, ∆f = +10%).
XTAL is a colour burst TV crystal (f = 3.5795MHz) for the oscillator. The oscillator
frequency is divided down to 1.7897MHz on-chip to supply the digital circuitry and the
A/D converters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com