Electronic Components Datasheet Search
  English  ▼

X  

SA9110A Datasheet(PDF) 10 Page - Sames

Part # SA9110A
Description  MONOCHIP THREE PHASE BIDIRECTIONAL
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9110A Datasheet(HTML) 10 Page - Sames

Back Button SA9110A Datasheet HTML 6Page - Sames SA9110A Datasheet HTML 7Page - Sames SA9110A Datasheet HTML 8Page - Sames SA9110A Datasheet HTML 9Page - Sames SA9110A Datasheet HTML 10Page - Sames SA9110A Datasheet HTML 11Page - Sames SA9110A Datasheet HTML 12Page - Sames SA9110A Datasheet HTML 13Page - Sames SA9110A Datasheet HTML 14Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
SA9110A
10/18
sames
Offset Adjustment
The precision of this device does not require any offset adjustment for Class 1
metering. This facility has been provided to compensate for poor PCB layout or
circumstances requiring precision well beyond a Class 1 rating.
The offset of the device may be adjusted by programming a different offset into the
device during calibration. To calaculate the offset the following procedure should
be followed:
Measure the linearity error at the current where offset correction is needed.
K
O
=
I
M
* ERR
I
R
* 6 * 10
-6
Where
I
M
= Measured current on the current sensor
I
R
= Rated current on the current sensor
E
RR =
Error ratio between the device and the Wh standard
K
O
= Offset constant (-127 ... 127)
Note that K
O must be programmed as a integer value.
Meter/Manufacturers Identification Data
A total of eleven 4 bit words are available to store relevant data such as the meter
and manufacturer identification codes. For the optical interface protocol, the 4-bit
words are converted to 8-bit words (ASCII-format).
Writing to RAM
The memory is configured as ten 32 bit words. The programming data must be
written to the device as a bitstream containing a total of 320 bits. ROM-locations
will not be overwritten.
Word
Bit
Function
Description
number number
1
31..28
Sign of Register 1
A '1' indicates a negative register value
1
27..0
Register 1
Contents of register 1 in binary coded decimal
2
31..28
Sign of Register 2
A '1' indicates a negative register value
2
27..0
Register 2
Contents of register 2 in binary coded decimal
3
31..28
Sign of Register 3
A '1' indicates a negative register value
3
27..0
Register 3
Contents of register 3 in binary coded decimal
4
31..28
Sign of Register 4
A '1' indicates a negative register value
4
27..0
Register 4
Contents of register 4 in binary coded decimal
5
31..28
Sign of Register
A '1' indicates a negative register value
'Total'



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com