Electronic Components Datasheet Search
  English  ▼

X  

KB2516 Datasheet(PDF) 8 Page - Samsung semiconductor

Part # KB2516
Description  TRIPLE 8-BIT ANALOG-TO-DIGITAL CONVERTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KB2516 Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button KB2516 Datasheet HTML 4Page - Samsung semiconductor KB2516 Datasheet HTML 5Page - Samsung semiconductor KB2516 Datasheet HTML 6Page - Samsung semiconductor KB2516 Datasheet HTML 7Page - Samsung semiconductor KB2516 Datasheet HTML 8Page - Samsung semiconductor KB2516 Datasheet HTML 9Page - Samsung semiconductor KB2516 Datasheet HTML 10Page - Samsung semiconductor KB2516 Datasheet HTML 11Page - Samsung semiconductor KB2516 Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
KB2516 (Preliminary)
TRIPLE 8-BIT ANALOG-TO-DIGITAL CONVERTER
8
Table 1. Pin Description (Continued)
No
Name
Description
33
SOGOUT
SOG output signal pin
34
VDD_SI
Serial interface 3.3V digital power supply
35
VSS_SI
Serial interface 0V digital power supply
36
I2C_3W
Serial interface mode selection between I2C and 3-wire
37
ADDR_EX0
Slave address control bit
38
ADDR_EX1
Slave address control bit
39
SDA
Serial interface data signal pin
40
SCL
Serial interface clock signal pin
41
SEN
Signal enable for 3-wire serial interface
42
COAST
COAST signal input
43
ADC_CKEX
External analog to digital converter clock input
44
VDD_PP
PLL 3.3V phase detector power supply
45
VSS_PP
PLL 0V phase detector power supply
46
VSS_PV
PLL 0V analog power supply
47
VDD_PV
PLL 3.3V analog power supply
48
VCTRL
VCO control voltage
49
ITEST1
Bandgap reference current test pin
50
VDD_PC
PLL 3.3V charge-pump power supply
51
VSS_PC
PLL 0V charge-pump power supply
52
VDD_PO
PLL 3.3V VCO power supply
53
VSS_PO
PLL 0V VCO power supply
54
VDD_PD
PLL 3.3V digital power supply
55
VSS_PD
PLL 0V digital power supply
56
VSS_PK
PLL 0V clock driver power supply
57
CKB
PLL output clock with ADC frequency (phase control available)
58
VDD_PK
PLL 3.3V clock driver power supply
59
CKC
PLL output clock with ADC frequency (phase control available)
60
VBB1
Substrate 0V power supply
61
VSSR_BB
Blue channel ADC output B driver power supply (0V)
62
VDDR_BB
Blue channel ADC output B driver power supply (3.3V)
63
B_OUTB7
Blue channel ADC digital output B bit 7
64
B_OUTB6
Blue channel ADC digital output B bit 6
65
B_OUTB5
Blue channel ADC digital output B bit 5
66
B_OUTB4
Blue channel ADC digital output B bit 4
67
B_OUTB3
Blue channel ADC digital output B bit 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com