Electronic Components Datasheet Search
  English  ▼

X  

KB2516 Datasheet(PDF) 4 Page - Samsung semiconductor

Part # KB2516
Description  TRIPLE 8-BIT ANALOG-TO-DIGITAL CONVERTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KB2516 Datasheet(HTML) 4 Page - Samsung semiconductor

  KB2516 Datasheet HTML 1Page - Samsung semiconductor KB2516 Datasheet HTML 2Page - Samsung semiconductor KB2516 Datasheet HTML 3Page - Samsung semiconductor KB2516 Datasheet HTML 4Page - Samsung semiconductor KB2516 Datasheet HTML 5Page - Samsung semiconductor KB2516 Datasheet HTML 6Page - Samsung semiconductor KB2516 Datasheet HTML 7Page - Samsung semiconductor KB2516 Datasheet HTML 8Page - Samsung semiconductor KB2516 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
KB2516 (Preliminary)
TRIPLE 8-BIT ANALOG-TO-DIGITAL CONVERTER
4
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Sync processor
SOGdet1
SOG sync detect level 1
0.1
-
-
V
SOGdet2
SOG sync detect level 2
-
-
1.0
V
Analog-to-digital converter
VrefT
Reference top voltage
1.7
1.8
1.9
V
VrefB
Reference bottom voltage
1.2
1.3
1.4
V
INL
DC integral non-linearity
Fclk = 75MHz, ramp input
-1.0
-
1.0
LSB
DNL
DC differential non-linearity
Fclk = 75MHz, ramp input
-0.5
-
0.5
LSB
SNDR
Signal to noise & distortion
ratio
Fclk = 100MHz
36
-
-
dB
MAXrate
Max. conversion rate
170
-
-
MHz
CT
Cross talk
Fclk = 100MHz
-
-
-36
dB
trD
Digital output rising time
-
-
2
nS
tfD
Digital output falling time
-
-
2
nS
Phase-locked loop
fref
PLL reference clock frequency
20
-
150
KHz
fclk
Maximum clock frequency
180
MHz
DRpll
PLL divider ratio
512
-
4095
fvco
VCO output clock frequency
17
197
MHz
tcap
PLL capture time
In start-up condition
-
4
-
ms
trcap
PLL re-capture time
In lock condition
-
-
300
us
Φstep
Phase shift step
Tamb = 25
°C
-
7.5
-
deg
j
PLL
PLL jitter
Fclk = 180MHz
-
200
-
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com